データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF6702ACPZ-R7

  • AI
    ### ADRF6702ACPZ-R7: Technical Overview The **ADRF6702ACPZ-R7** is a high-performance Quadrature Modulator with an integrated fractional-N Phase-Locked Loop (PLL) and Voltage-Controlled Oscillator (VCO). It is primarily used in wireless infrastructure to convert baseband signals directly to Radio Frequency (RF). --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 1200 MHz to 2400 MHz | | **LO Frequency Range** | 1550 MHz to 2150 MHz | | **Supply Voltage** | 4.75 V to 5.25 V | | **Output IP3** | +28.5 dBm @ 2140 MHz | | **Noise Floor** | -157 dBm/Hz | | **Package** | 40-lead LFCSP (6mm x 6mm) | | **Interface** | 3-wire SPI for PLL programming | --- ### Internal Functional Components 1. **Quadrature Modulator:** The core of the chip consists of two mixers (In-phase and Quadrature) and a summing amplifier. It takes differential I and Q baseband signals and modulates them onto the carrier frequency generated by the internal LO. 2. **Frequency Synthesizer (PLL/VCO):** * **Fractional-N PLL:** Allows for very fine frequency resolution. * **Integrated VCO:** Eliminates the need for an external resonant cavity, saving board space and reducing electromagnetic interference (EMI). * **External Reference:** Requires a stable reference clock (typically a TCXO) to lock the frequency. 3. **Local Oscillator (LO) System:** The internal LO can be generated by the integrated PLL or supplied via an external source. It includes a 2xLO divider to ensure a precise 50% duty cycle, which is critical for maintaining phase accuracy between the I and Q channels. --- ### Applications * **Cellular Base Stations:** W-CDMA, CDMA2000, LTE, and TD-SCDMA. * **Point-to-Point Radios:** High-speed wireless backhaul. * **Broadband Access:** Instrumentation and cable modem termination systems (CMTS). --- ### Typical Implementation Example To interface with a microcontroller, use the following SPI logic structure: ```c // Example pseudocode for frequency programming void ADRF6702_SetFrequency(uint32_t frequency_hz) { // 1. Calculate N-Integer and Fractional values // 2. Select Register (e.g., Reg 0 for Integer, Reg 1 for Modulus) // 3. Pulse LE (Load Enable) to commit changes SPI_Transfer(ADRF_REG0_ADDR, calculated_N_int); SPI_Transfer(ADRF_REG1_ADDR, calculated_FRAC); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADRF6702 and the ADRF6701 in terms of frequency range?
    • ⤷ How does the integrated VCO impact the overall phase noise of the system?
    • ⤷ What are the recommended baseband input voltage levels for optimal modulation?