データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADS-E1-R

  • AI
    The **ADS-E1-R** is a high-performance, single-port T1/E1/J1 Ethernet bridge (often categorized under Network Interface Devices or Media Converters). It is designed to bridge Ethernet traffic over traditional TDM (Time Division Multiplexing) circuits. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications The device acts as a bridge between high-speed Ethernet interfaces and telecommunications lines. | Feature | Specification | | :--- | :--- | | **Interface (TDM)** | 1 Port E1 (2.048 Mbps) or T1 (1.544 Mbps) | | **Interface (Ethernet)** | 10/100Base-T Auto-sensing | | **Impedance** | 75Ω (Unbalanced BNC) / 120Ω (Balanced RJ-45) | | **Framing** | Framed (PCM30/31) or Unframed | | **Power Supply** | AC (100-240V) or DC (-48V) options | --- ## 2. Key Electronic Components & Subsystems ### A. The Controller/Processor (FPGA/ASIC) At the heart of the ADS-E1-R is usually a specialized **FPGA (Field Programmable Gate Array)** or an **ASIC** programmed for high-speed HDLC (High-Level Data Link Control) encapsulation. * **Function:** It handles the conversion of Ethernet frames into TDM slots. It manages buffer memory to ensure that bursty Ethernet traffic does not overflow the fixed-bandwidth E1/T1 pipe. ### B. The Line Interface Unit (LIU) The LIU is the physical layer (PHY) component for the TDM side. * **Transformers:** High-isolation pulse transformers are used to protect the circuitry from surges on the copper telecom lines. * **Clock Recovery:** The LIU contains a Digital Phase Locked Loop (DPLL) to extract the timing signal from the incoming E1 stream to synchronize data transfer. ### C. Ethernet PHY A standard **10/100 Ethernet Controller** chip manages the MDI/MDIX (Auto-crossover) and physical connection to the local area network. It handles preamble generation, CRC checking, and collision detection. ### D. Power Management Circuitry The internal power board usually consists of: * **Switching Regulators:** To step down input voltages (220V AC or 48V DC) to the low voltages required by digital logic (3.3V, 1.8V, or 1.2V). * **Protection:** Varistors and fuses to prevent damage from over-voltage. --- ## 3. Operational Logic (Signal Flow) 1. **Ingress (Ethernet to E1):** Ethernet frames are received -> Buffered in RAM -> Encapsulated using GFP (Generic Framing Procedure) or HDLC -> Mapped into E1 Time Slots -> Sent through the LIU. 2. **Egress (E1 to Ethernet):** Serial data stream received from E1 line -> Framer identifies start/end of frames -> De-encapsulation -> CRC check -> Forwarded to Ethernet port. --- ## 4. Diagnostic Indicators (LEDs) The electronic assembly includes a set of status LEDs for troubleshooting: | LED Label | Description | | :--- | :--- | | **PWR** | Power supply is stable. | | **LINK/ACT** | Ethernet connection status and data activity. | | **ALM** | General alarm (often indicates Loss of Signal - LOS). | | **ERR** | Bit Error Rate (BER) threshold exceeded. | | **SYNC** | Successful E1/T1 frame synchronization. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between framed and unframed modes in the ADS-E1-R?
    • ⤷ Can this device support V.35 conversion in addition to Ethernet?
    • ⤷ How do I configure the 75 ohm vs 120 ohm impedance settings?