データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADT7320UCPZ-R2

  • AI
    ## Overview of ADT7320UCPZ-R2 The **ADT7320UCPZ-R2** is a high-accuracy, digital temperature sensor manufactured by **Analog Devices**. It is designed to offer high precision with low power consumption, communicating via a standard SPI interface. ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Interface** | 4-wire SPI (Serial Peripheral Interface) | | **Accuracy** | ±0.25°C (from −20°C to +105°C) | | **Resolution** | 16-bit (0.0078°C per LSB) | | **Operating Voltage** | 2.7V to 5.5V | | **Supply Current** | 210 µA (typical at 3.3V) | | **Package Type** | 16-lead LFCSP (Lead Frame Chip Scale Package) | | **Temperature Range** | −40°C to +150°C | --- ### 2. Core Functional Parts The internal architecture of the ADT7320 consists of several critical electronic sections: #### A. Temperature Sensor (Band Gap) The device uses a precision band gap temperature sensor. This circuit relies on the temperature characteristics of silicon transistors to generate a voltage proportional to absolute temperature (PTAT). #### B. Sigma-Delta (Σ-Δ) ADC The analog voltage from the sensor is converted into a digital signal using a high-resolution **16-bit Sigma-Delta Modulator**. This provides excellent noise rejection and high stability. #### C. Digital Control & Registers The chip contains several user-programmable registers: * **Configuration Register:** Sets the conversion mode (Continuous, One-shot, or Shutdown). * **Setpoint Registers (T_CRIT, T_HIGH, T_LOW):** Stores thresholds for thermal monitoring. * **ID Register:** For device identification on the bus. #### D. SPI Interface The 4-wire interface (CS, SCLK, DIN, DOUT) allows for fast data transfer. It is compatible with most microcontrollers and DSPs. --- ### 3. Application Use Cases Due to its high accuracy and NIST-traceable calibration, this part is commonly used in: * **Medical Equipment:** Monitoring patient or reagent temperatures. * **Environmental Monitoring:** Weather stations and sensitive lab equipment. * **Industrial Control:** Cold chain management and thermal protection. * **Telecommunications:** Monitoring base station temperatures. --- ### 4. Sample Connection Diagram (Conceptual) ```cpp // Pseudocode for reading temperature from ADT7320 void readTemp() { digitalWrite(CS_PIN, LOW); // Select Device SPI.transfer(0x50); // Command to read Temp Register (0x02) uint8_t msb = SPI.transfer(0x00); // Read high byte uint8_t lsb = SPI.transfer(0x00); // Read low byte digitalWrite(CS_PIN, HIGH); // Deselect Device int16_t rawValue = (msb << 8) | lsb; float celsius = rawValue / 128.0; // Conversion for 16-bit mode } ```
    ✨ Follow-up Questions
    • ⤷What are the differences between ADT7320 and ADT7420?
    • ⤷ How do I configure the interrupt pins for over-temperature alerts?
    • ⤷ Is this sensor suitable for automotive applications?