データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADT7463ARQZ-R7

  • AI
    ## Overview of ADT7463ARQZ-R7 The **ADT7463ARQZ-R7** is a highly integrated remote thermal monitor and fan controller manufactured by **onsemi** (formerly Analog Devices). It is part of the "dBCool" family, designed specifically for thermal management in computers, servers, and embedded systems. --- ### Core Specifications The following table highlights the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 3.0V to 5.5V | | **Interface** | SMBus (System Management Bus) | | **PWM Channels** | 3 Independent Outputs | | **Temperature Channels** | 1 Local, 2 Remote (Diode-based) | | **Voltage Monitoring** | 5-Channel (including CPU core voltage) | | **Package** | QSOP-24 | | **Operating Temp Range** | -40°C to +120°C | --- ### Key Electronic Components & Features The device functions as a "system-on-a-chip" for thermal control. Below are the functional sections: #### 1. Temperature Sensors * **Local Sensor:** An internal bandgap temperature sensor monitors the PCB temperature where the chip is mounted. * **Remote Sensors:** Two sets of differential inputs connect to the thermal diodes found on CPUs or GPUs. It includes **Series Resistance Cancellation**, which ignores the resistance of PCB traces to ensure high accuracy. #### 2. Fan Speed Control (PWM) * **PWM Outputs:** The chip generates Pulse Width Modulation signals to drive 3-wire or 4-wire fans. * **Automatic Loop:** It can be programmed to automatically adjust fan speeds based on temperature thresholds without CPU intervention (failsafe mode). #### 3. Tachometer Inputs * It features inputs to monitor the "Tach" signal from fans, allowing the system to detect if a fan has stalled or is failing. #### 4. Voltage Monitoring * It includes a 10-bit ADC (Analog-to-Digital Converter) to monitor five different voltage rails (e.g., 2.5V, 3.3V, 5V, 12V, and Vccp). --- ### Pin Configuration (QSOP-24) | Pin Type | Description | | :--- | :--- | | **SMBus Pins** | SDA (Data) and SCL (Clock) for communication with the Host. | | **PWM1-3** | Outputs used to control the speed of up to three fans. | | **TACH1-4** | Inputs to measure the RPM of the fans. | | **D+/D-** | Connections for the remote thermal diodes. | | **THERM** | A bidirectional pin that acts as an over-temperature interrupt or input. | --- ### Typical Application Circuit In a standard design, the ADT7463 is placed near the CPU. 1. The **SMBus** connects to the Southbridge/PCH. 2. **PWM outputs** drive MOSFETs or 4-wire fan headers. 3. **D+ and D- pins** are routed as a differential pair to the CPU's internal thermal diode. 4. **VCCP** is connected to the CPU core voltage for power health monitoring.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADT7463 and the ADT7467?
    • ⤷ How does 'Series Resistance Cancellation' improve temperature accuracy?
    • ⤷ Can this chip be used to control 4-wire fans directly?