データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADT7481ARMZ-R7

  • AI
    ## Technical Overview of the ADT7481ARMZ-R7 The **ADT7481ARMZ-R7** is a high-precision, three-channel digital temperature sensor and system monitor manufactured by Analog Devices (formerly ON Semiconductor/ONNN). It is widely used in computing and industrial applications for thermal management. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | SMBus (2-wire serial) | | **Supply Voltage** | 3.0 V to 3.6 V | | **Temperature Channels** | 3 (1 Internal, 2 Remote) | | **Package Type** | MSOP-10 (Micro Small Outline Package) | | **Temperature Range** | −40°C to +125°C | | **Remote Accuracy** | ±1°C (between 60°C and 100°C) | | **Resolution** | 0.0625°C (11-bit) | --- ### 2. Functional Electronic Components The device integrates several critical electronic sub-systems within its silicon architecture: #### A. Remote Diode Monitoring (2 Channels) The ADT7481 is designed to measure the temperature of external thermal diodes, typically found in **CPUs, GPUs, or FPGAs**. It uses a technique called **Series Resistance Cancellation**, which automatically compensates for the resistance of the PCB traces leading to the remote sensor. #### B. Internal Temperature Sensor A built-in band gap temperature sensor monitors the ambient temperature of the PCB where the ADT7481 is mounted. #### C. Analog-to-Digital Converter (ADC) The device contains a high-resolution Sigma-Delta ADC. It converts the analog voltage differences from the diodes into 11-bit digital values that can be read via the SMBus. #### D. Configurable Alert System The chip features dedicated pins (like `THERM` and `ALERT`) that act as interrupts. These pins trigger when a temperature exceeds a pre-programmed limit, allowing the system to: * Increase fan speed. * Throttling the processor. * Initiate a safety shutdown. --- ### 3. Pin Configuration | Pin # | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **VDD** | Positive Supply Voltage (3.3V nominal). | | 2 | **D1+** | Positive Connection for Remote Diode 1. | | 3 | **D1-** | Negative Connection for Remote Diode 1. | | 4 | **THERM** | Over-temperature output (Open-drain). | | 5 | **GND** | Ground. | | 6 | **ALERT** | SMBus Alert/Interrupt output. | | 7 | **SDA** | SMBus Serial Data I/O. | | 8 | **SCL** | SMBus Serial Clock Input. | | 9 | **D2+** | Positive Connection for Remote Diode 2. | | 10 | **D2-** | Negative Connection for Remote Diode 2. | --- ### 4. Common Applications * **Desktop and Notebook Computers:** Monitoring processor and graphics core heat. * **Servers:** Multi-zone thermal management in data centers. * **Industrial Equipment:** Monitoring sensitive electronics in harsh environments. * **Embedded Systems:** Thermal protection for high-performance SoCs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADT7481 and the ADT7461?
    • ⤷ How does series resistance cancellation work in this chip?
    • ⤷ Can the SMBus address be changed for multiple sensors on the same bus?