データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADT7486AARMZ-R7

  • AI
    The **ADT7486AARMZ-R7** is a high-precision digital temperature sensor and voltage monitor manufactured by ON Semiconductor. It is primarily designed for thermal management in computers, servers, and industrial systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | Simple Serial Transport (SST) | | **Supply Voltage (Vcc)** | 3.0V to 3.6V | | **Temperature Range** | -40°C to +125°C | | **Temperature Accuracy** | ±1°C (Internal/External) | | **Package Type** | MSOP-10 (Micro Small Outline Package) | | **Resolution** | 0.0625°C | --- ### 2. Core Functional Parts The internal architecture of the ADT7486A consists of several critical stages that convert physical thermal data into digital information: #### A. Temperature Monitoring (Internal & External) * **Internal Sensor:** Uses an on-chip bandgap temperature sensor. * **Remote Channel:** Includes one remote temperature measurement channel, typically connected to a diode-connected transistor (like those found in CPUs or GPUs). * **Series Resistance Cancellation:** Automatically compensates for resistance in the PCB traces leading to the remote diode, ensuring high accuracy. #### B. SST (Simple Serial Transport) Interface Unlike standard I2C or SMBus sensors, this chip uses the **SST interface**. * It is a single-wire, bidirectional serial bus. * Optimized for low-power and high-speed communication. * Commonly used in Intel-based platforms (e.g., for "Platform Environment Control Interface" or PECI communication flows). #### C. ADC (Analog-to-Digital Converter) * The chip features a high-resolution sigma-delta ADC. * It samples the analog voltage from the thermal diodes and converts it into a digital value stored in 16-bit registers. #### D. Configurable Registers * **Limit Registers:** Users can program high and low temperature limits. * **Alert Logic:** The chip can trigger an interrupt if temperatures exceed the safety thresholds, allowing the system to ramp up fans or throttle the CPU. --- ### 3. Pinout Configuration (MSOP-10) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | Vcc | Positive Supply (3.3V nominal) | | 2 | D1+ | Positive Terminal for Remote Diode | | 3 | D1- | Negative Terminal for Remote Diode | | 4 | GND | Ground | | 5 | ST_BY | Standby Control Input | | 6-10 | SST/ADR | SST Data Line and Address Select pins | --- ### 4. Typical Application Circuit In a standard design, the ADT7486A is placed near a processor to monitor its die temperature. ```c // Pseudo-code logic for interacting with ADT7486A via SST void monitor_thermal() { float temp = read_sst_register(REMOTE_TEMP_ADDR); if (temp > 85.0) { trigger_fan_high(); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SST interface and the standard I2C interface?
    • ⤷ How does the Series Resistance Cancellation (SRC) feature improve accuracy?
    • ⤷ What are the common failure modes for remote diode temperature sensors?