データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADY-122-R

  • AI
    ## ADY-122-R: Electronic Component Overview The **ADY-122-R** is a specific electronic component primarily recognized as a **high-current, low-profile power inductor** or a specialized **surface-mount (SMD) magnetic component**. These parts are frequently used in power management circuits to store energy and filter noise. --- ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Sunlord** or **Chilisin**), the general characteristics are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | SMD Power Inductor / Wire-wound Chip Inductor | | **Inductance** | Typically 2.2 µH (indicated by the "22" in the code) | | **Tolerance** | ±20% (Standard for power inductors) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite or Metal Alloy (Shielded) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Physical Construction The "R" suffix usually denotes that the part is **RoHS compliant** (lead-free) and often arrives in **Tape and Reel** packaging for automated assembly. * **Shielding:** Most ADY series components are magnetically shielded. This prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB. * **Winding:** It uses a high-conductivity copper wire wound around a ferrite core to maximize the Quality Factor (Q) and minimize Direct Current Resistance (DCR). --- ### 3. Key Electronic Functions The ADY-122-R serves several critical roles within a circuit: 1. **Energy Storage:** In DC-DC buck or boost converters, it stores energy in a magnetic field during the switching cycle. 2. **Noise Filtering:** Acts as a low-pass filter, allowing DC current to pass while blocking high-frequency ripples. 3. **Voltage Regulation:** Works alongside capacitors to smooth out voltage fluctuations in power supply modules for smartphones, tablets, and laptops. --- ### 4. Common Applications * **Consumer Electronics:** Power stages for CPUs and GPUs in mobile devices. * **Telecommunications:** Base station power modules. * **Industrial:** DC-DC converter modules and LED drivers. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the ADY-122-R?
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does the 'shielded' design of the ADY-122-R compare to unshielded inductors in EMI-sensitive layouts?