データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AFCP-R4X25PL

  • AI
    The **AFCP-R4X25PL** is a high-performance optical receiver module primarily used in data center networking and high-speed telecommunications. It is manufactured by Broadcom (formerly Avago Technologies). ### 1. Component Overview The device is a **4-channel, 25Gbps per channel, PIN photodiode array** designed for 100G Ethernet applications (100GBASE-SR4). It functions as the optical-to-electrical conversion engine within a transceiver module. ### 2. Key Electronic Specifications The following table outlines the technical parameters of the AFCP-R4X25PL: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Data Rate** | 25.78 Gbps per channel | Total aggregate bandwidth of 100 Gbps | | **Number of Channels** | 4 Channels | Parallel architecture (4x25G) | | **Operating Wavelength** | 850 nm | Optimized for Multi-mode Fiber (MMF) | | **Detector Type** | GaAs PIN Photodiode | High-speed Gallium Arsenide technology | | **Output Type** | Differential | High-speed differential electrical signals | | **Supply Voltage** | 3.3V (Typical) | Standard low-power CMOS compatibility | --- ### 3. Internal Functional Blocks To understand the electronic parts of this module, we look at the signal path: 1. **Optical Input:** Receives 850nm light pulses via an MPO/MTP ribbon fiber connector. 2. **PIN Photodiode Array:** Four discrete photodiodes convert the photons into a small electrical current (photo-current). 3. **Transimpedance Amplifier (TIA):** Often integrated or paired closely with the photodiodes, the TIA converts the weak current into a usable voltage signal. 4. **Limiting Amplifier / CDR:** Processes the voltage to ensure clean square waves (logic levels) and re-clocks the data to remove jitter before it reaches the host PCB. ### 4. Application Context The AFCP-R4X25PL is typically found inside **QSFP28** form-factor transceivers. It is the "Receive" (Rx) counterpart to a Vertical-Cavity Surface-Emitting Laser (VCSEL) array used on the "Transmit" (Tx) side. --- ### 5. Mechanical and Interface Features * **Package Type:** Usually provided as a Chip-on-Carrier (CoC) or a sub-assembly for integration into larger modules. * **Termination:** Uses high-frequency gold pads for wire bonding or flip-chip mounting to ensure minimal signal loss at 25GHz.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the AFCP-R4X25PL?
    • ⤷ How does this receiver handle signal integrity over long fiber distances?
    • ⤷ Which Broadcom laser drivers are compatible with this receiver array?