データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AG1.6-R

  • AI
    The **AG1.6-R** typically refers to a specific series of **Step-Down (Buck) DC-DC Converters** or power modules, often used in telecommunications and industrial electronics. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications The AG1.6-R series is designed for high efficiency and compact power conversion. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Telecom standard) | | **Output Voltage** | Fixed (usually 1.6V or adjustable) | | **Current Rating** | Up to 20A - 40A (Depending on the specific sub-model) | | **Efficiency** | ~88% to 92% | | **Package Style** | Quarter-brick or Through-hole module | | **Isolation** | 1500V DC to 2250V DC | --- ### 2. Core Electronic Components The internal architecture of an AG1.6-R module consists of the following critical electronic parts: #### A. Power MOSFETs These act as high-frequency switches. Because the output voltage is low (1.6V) and the current is high, these modules use **Synchronous Rectification**. Instead of diodes, MOSFETs with low $R_{DS(on)}$ are used to minimize heat loss. #### B. PWM Controller IC The "brain" of the module. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a steady 1.6V, even if the input voltage fluctuates. #### C. Power Inductor A large, low-profile inductor used to store energy during the switching cycle and smooth out the current delivered to the load. #### D. Multilayer Ceramic Capacitors (MLCCs) These are used for: * **Input Filtering:** Reducing reflected ripple current back to the source. * **Output Filtering:** Smoothing the DC output to ensure low noise and ripple. #### E. Isolation Transformer Since these are usually isolated converters, a high-frequency transformer separates the primary (input) side from the secondary (output) side for safety and noise decoupling. --- ### 3. Pin Configuration & Functions The module typically features a standard footprint with the following pins: 1. **+Vin / -Vin:** Input power connection. 2. **Remote ON/OFF:** Allows a microcontroller to enable or disable the power supply. 3. **+Vout / -Vout:** The regulated 1.6V power delivery. 4. **Trim:** An optional pin to slightly adjust the output voltage using an external resistor. 5. **Sense (+/-):** Used to compensate for voltage drops across long PCB traces. --- ### 4. Applications * **ASIC/FPGA Powering:** Providing the core voltage (Vcore) for high-end processors. * **Telecommunications:** Base stations and switching equipment. * **Data Servers:** High-current, low-voltage point-of-load (POL) regulation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the AG1.6-R series?
    • ⤷ How do I calculate the resistor value for the Trim pin?
    • ⤷ Does the AG1.6-R require an external heatsink for full load operation?