データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AG3JB

  • AI
    The term **AG3JB** most commonly refers to a specific variation of a **Tactile Push Button Switch**, often manufactured by companies like Omron or generic electronics components suppliers. These parts are fundamental in electronic interfaces for providing physical feedback to the user. --- ### 1. Component Specifications The "AG3JB" designation typically corresponds to a miniature, surface-mount or through-hole tactile switch. Below are the standard technical characteristics: | Property | Typical Value | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Contact Form** | SPST (Single Pole Single Throw) | | **Operating Force** | 1.0N to 2.5N (Standard 160gf) | | **Voltage Rating** | 12V DC to 24V DC | | **Current Rating** | 50mA | | **Mounting Style** | SMD (Surface Mount) or Through-Hole | | **Travel Distance** | 0.25 mm | --- ### 2. Physical Construction These parts are engineered for durability and compact sizing, usually following these structural layers: * **Actuator (Stem):** The top part the user presses. In the AG3JB series, these are often short stems to keep the profile low. * **Contact Dome:** A metallic "snap" dome that provides the tactile "click" sound and feel. It also acts as the moving contact. * **Base (Housing):** Made of heat-resistant plastic (like LCP or Nylon) to withstand soldering temperatures. * **Terminals:** Silver or gold-plated leads for electrical conductivity. --- ### 3. Electronic Functionality The AG3JB operates as a **Normally Open (NO)** switch. 1. **Rest State:** The circuit is open; no current flows. 2. **Actuated State:** When pressed, the metal dome collapses and bridges the gap between the internal contacts, completing the circuit. 3. **Release State:** The dome's elasticity pushes the actuator back up, breaking the connection instantly. --- ### 4. Common Applications Due to their small footprint, these parts are found in: * **Consumer Electronics:** Volume buttons on smartphones, power buttons on cameras. * **Industrial:** Reset switches on PCB boards. * **Automotive:** Dash buttons and key fobs. * **Medical Devices:** Control panels for portable monitors. --- ### 5. Schematic Symbol When designing a PCB for this part, the schematic looks like this: ```text (Pin 1) ----/ ---- (Pin 2) Switch ```
    ✨ Follow-up Questions
    • ⤷ What are the soldering temperature requirements for the AG3JB SMD variant?
    • ⤷ How does the AG3JB compare to the B3F series of switches?
    • ⤷ What is the mechanical life expectancy (number of cycles) for this switch?