データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AI-DS0305360-RPSMA

  • AI
    The **AI-DS0305360-RPSMA** is a specialized high-gain omnidirectional antenna designed for wireless communication, typically used with Wi-Fi routers, access points, and IoT gateways. ### 1. Key Technical Specifications Based on the part number nomenclature (which indicates a 3dBi to 5dBi gain range and 360-degree coverage), here are the typical technical attributes: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz - 2.5 GHz / 5.1 GHz - 5.8 GHz (Dual Band) | | **Gain** | 3 dBi to 5 dBi | | **Polarization** | Vertical / Linear | | **Horizontal Beamwidth** | 360° (Omnidirectional) | | **Impedance** | 50 Ohms | | **Connector Type** | RP-SMA Male (Reverse Polarity SMA) | | **VSWR** | ≤ 2.0 | --- ### 2. Physical Components and Build The assembly of this part consists of three primary electronic and mechanical sections: #### A. The Radiating Element Inside the plastic housing (radome) is a copper or brass conductive element. This is usually a **dipole** or **collinear** array designed to resonate at specific frequencies (2.4GHz or 5GHz). The length of this element is mathematically tuned to a fraction of the wavelength ($\lambda$). #### B. The RP-SMA Connector The "RP-SMA" suffix is critical. Unlike a standard SMA connector: * **RP-SMA Male:** Has a threaded collar (inside threads) but features a **hole** (female socket) instead of a center pin. * **Application:** This is the standard for consumer Wi-Fi equipment to comply with local regulations (like FCC) to prevent users from attaching unauthorized high-power antennas. #### C. The Swivel Joint Most "DS" (Duck Stick) series antennas include a 90-degree knuckle. This allows the antenna to be oriented vertically regardless of whether the device is mounted on a wall or sitting on a desk, ensuring optimal signal propagation. --- ### 3. Electronic Behavior * **Omnidirectional Pattern:** It radiates energy in a "donut" shape. It is strongest perpendicular to the antenna's length and weakest at the very tip and base. * **Passive Gain:** This antenna does not "amplify" the signal using electricity. Instead, it "focuses" the signal. A higher dBi means the "donut" is flattened, pushing the signal further horizontally but sacrificing vertical coverage. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SMA and an RP-SMA connector?
    • ⤷ How does dBi gain affect the range of a Wi-Fi signal?
    • ⤷ Can this antenna be used for both 2.4GHz and 5GHz frequencies simultaneously?