データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AIAM-01-R18K

  • AI
    The **AIAM-01-R18K** is a specific electronic component belonging to the **axial leaded inductor** family. It is manufactured by Abracon and is designed for general-purpose filtering, decoupling, and power supply circuits. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties. Below are the core specifications: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.18 µH | | **Tolerance** | ±10% (Indicated by the "K" suffix) | | **Case Style** | Axial Leaded (Molded) | | **DC Resistance (DCR)** | ~0.10 Ω (Typical maximum) | | **Self-Resonant Frequency** | High (Suitable for RF applications) | | **Operating Temperature** | -40°C to +105°C | | **Core Material** | Phenolic or Ferrite (depending on specific revision) | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps in identifying replacements or similar parts: * **AIAM**: Abracon Industrial Axial Molded series. * **01**: Physical size/dimension code (Small form factor). * **R18**: The inductance value ($0.18$ microhenries). * **K**: Tolerance level ($K = \pm 10\%$, $J = \pm 5\%$, $M = \pm 20\%$). --- ### 3. Key Electronic Functions The AIAM-01-R18K serves several critical roles in a circuit: 1. **High-Frequency Filtering:** Due to its low inductance (0.18 µH), it is highly effective at blocking high-frequency noise while allowing DC or low-frequency signals to pass. 2. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between different stages of an amplifier or antenna. 3. **Signal Conditioning:** Helps in smoothing out ripples in low-current power lines or signal paths. 4. **Decoupling:** Prevents electrical interference from one part of a circuit from affecting another. --- ### 4. Physical Construction * **Encapsulation:** The "Molded" designation means the coil is encased in a hard epoxy resin. This provides excellent mechanical strength and environmental protection against moisture and vibration. * **Leads:** Tin-plated copper leads suitable for "Through-Hole" mounting on Printed Circuit Boards (PCBs). --- ### 5. Common Applications * Consumer electronics (TVs, Radios). * Telecommunication equipment. * Computer peripherals. * DC/DC Converters and power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the AIAM-01 series?
    • ⤷ How does the 'K' tolerance compare to 'J' or 'M' in precision circuits?
    • ⤷ Can this inductor be used in surface mount (SMD) applications with modification?