データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AIAM-03-R47M

  • AI
    ## Technical Overview: AIAM-03-R47M The **AIAM-03-R47M** is a fixed, axial-leaded inductor manufactured by **Abracon**. It is part of the AIAM-03 series, commonly used for filtering, decoupling, and energy storage in various electronic circuits. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Current Rating (Max)** | 880 mA | | **DC Resistance (DCR Max)** | 0.12 Ω | | **Self-Resonant Frequency (Min)** | 350 MHz | | **Package Type** | Axial Leaded (Through-hole) | | **Operating Temperature** | -40°C to +105°C | --- ### 2. Component Composition & Physical Features * **Core Material:** Usually features a ferrite or powdered iron core to provide high permeability in a compact size. * **Form Factor:** It utilizes a "molded" construction, which protects the internal copper windings from environmental factors like moisture and mechanical shock. * **Termination:** Lead-free (RoHS compliant) tin-plated copper leads, suitable for wave soldering on Printed Circuit Boards (PCBs). ### 3. Part Number Breakdown Understanding the nomenclature helps identify variations within the series: * **AIAM-03:** The series identifier (Molded Axial Inductor, size 03). * **R47:** The inductance value. "R" acts as a decimal point (0.47). * **M:** The tolerance code (M = ±20%, K = ±10%, J = ±5%). --- ### 4. Common Applications Inductors of this specification are typically found in: 1. **RF Circuits:** Due to the high self-resonant frequency (350 MHz), it is effective in high-frequency signal processing. 2. **Power Supplies:** Used for EMI/RFI suppression and smoothing output ripple in DC-DC converters. 3. **Signal Conditioning:** Used in low-pass filters to block high-frequency noise while allowing DC or low-frequency signals to pass. --- ### 5. Equivalent Considerations If you are looking for an alternative, ensure the replacement matches the **Current Rating (IDC)** and the **DC Resistance (DCR)**. A higher DCR will result in more heat generation and power loss in your circuit.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (length and diameter) of the AIAM-03 series?
    • ⤷ How does the 'M' tolerance impact performance in high-precision timing circuits?
    • ⤷ What is the difference between this axial inductor and a surface mount (SMD) equivalent?