データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AIAS-02-R18K

  • AI
    The **AIAS-02-R18K** is a specialized electronic component, specifically a **Surface Mount Power Inductor** manufactured by Abracon. It belongs to the AIAS-02 series, designed for high-density mounting and efficiency in power management circuits. --- ## 1. Core Specifications The alphanumeric code "R18K" defines the electrical characteristics of the part. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.18 µH | | **Tolerance** | ±10% (K tolerance) | | **Inductance Code** | R18 (R denotes the decimal point) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Electrical Characteristics These parts are engineered to handle high current while maintaining a small physical footprint. ### Key Metrics: * **DC Resistance (DCR):** Usually very low in this series to minimize power loss and heat generation. * **Saturation Current (Isat):** The point at which the inductance drops by a specific percentage (usually 30%). For a 0.18µH inductor, this is typically high, allowing it to handle significant current spikes. * **Rated Current (Irms):** The continuous current that causes a specific temperature rise (usually 40°C) above ambient. --- ## 3. Physical Construction The AIAS-02 series typically features a **shielded or semi-shielded** construction. * **Core Material:** Ferrite or composite metal powder, optimized for high-frequency switching. * **Terminations:** Lead-free (RoHS compliant) plating, suitable for reflow soldering. * **Package Shape:** Rectangular/Square low-profile design to fit into thin consumer electronics. --- ## 4. Typical Applications The AIAS-02-R18K is commonly found in circuits requiring voltage regulation and noise filtering: 1. **DC-DC Converters:** Used in Buck or Boost converters to store energy. 2. **Smartphones & Tablets:** Power management modules where space is at a premium. 3. **Computers/Servers:** Voltage Regulator Modules (VRM) for CPU and GPU power. 4. **Filtering:** Reducing electromagnetic interference (EMI) in high-speed data lines. --- ## 5. Identifying the Part Number The part number can be broken down as follows: | Segment | Meaning | | :--- | :--- | | **AIAS-02** | Series name (Surface Mount Inductor, Size 02) | | **R18** | Inductance value (0.18 µH) | | **K** | Tolerance Code (K = ±10%) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the AIAS-02-R18K?
    • ⤷ How does this inductor compare to the AIAS-02-1R0K in terms of performance?
    • ⤷ What are the recommended reflow soldering profiles for this component?