データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-0603-R051

  • AI
    The **AISC-0603-R051** is a surface-mount (SMD) wire-wound ceramic chip inductor. It is part of the AISC series produced by manufacturers like Abracon. These components are primarily used in high-frequency applications due to their high "Q" factor and stability. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 51 nH (0.051 µH) | | **Tolerance** | ±5% (indicated by 'J' usually, or standard for R051) | | **Package Size** | 0603 (1.6mm x 0.8mm) | | **Core Material** | Ceramic | | **DC Resistance (DCR)** | ~0.44 Ω (Max) | | **Rated Current** | ~310 mA (Max) | | **Self-Resonant Frequency (SRF)** | ~2100 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The "0603" designation refers to the Imperial dimensions (0.06 x 0.03 inches). * **Wire-Wound Design:** Unlike multilayer inductors, this part features a copper wire wound around a ceramic core. This allows for lower DC resistance and higher current carrying capacity. * **Ceramic Core:** Provides excellent thermal stability and a high Self-Resonant Frequency (SRF), making it ideal for RF (Radio Frequency) circuits. --- ### 3. Key Applications Because of its high precision and performance at high frequencies, the AISC-0603-R051 is commonly found in: 1. **RF Matching Networks:** Tuning circuits for antennas in Wi-Fi or Bluetooth modules. 2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters for signal integrity. 3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance. 4. **Telecommunications:** Base stations and high-speed data transmission equipment. --- ### 4. Part Number Breakdown ```text AISC - 0603 - R051 - [T/G] | | | | Series Size Value Packaging | R051 = 0.051µH (51nH) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Q factor' in this specific inductor?
    • ⤷ How does the ceramic core compare to a ferrite core for high-frequency use?
    • ⤷ Can this inductor be used for power decoupling applications?