データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-0603F-R65

  • AI
    The **AISC-0603F-R65** is a high-performance surface-mount (SMD) wire-wound ceramic chip inductor. It is designed primarily for high-frequency applications where high Q-factors and stable inductance are required. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.65 µH (650 nH) | | **Package Size** | 0603 (0.06" x 0.03" / 1.6mm x 0.8mm) | | **Tolerance** | Usually ±5% or ±10% (depending on specific suffix) | | **Core Material** | Ferrite / Ceramic (Wire-wound) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Component Characteristics * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design allows for a much higher **Q-Factor** (Quality Factor) and lower DC resistance (DCR). This makes it efficient for RF tuning and filtering. * **High Self-Resonant Frequency (SRF):** Because of its small 0603 footprint and ceramic construction, it can operate at high frequencies before parasitic capacitance causes the component to behave like a capacitor. * **Thermal Stability:** These inductors are designed to maintain a consistent inductance value across a wide temperature range, typically -40°C to +125°C. --- ### 3. Application Use Cases This component is typically found in high-frequency circuitry where signal integrity is critical: 1. **RF Matching Circuits:** Used in the matching networks of antennas for Wi-Fi, Bluetooth, and cellular modules. 2. **Filter Circuits:** Employed in Low Pass Filters (LPF) or Band Pass Filters (BPF) to eliminate noise. 3. **Decoupling:** Used to block high-frequency noise from entering sensitive power rails in mobile devices. 4. **Oscillators:** Provides the inductive component for LC resonant tanks. --- ### 4. Comparison: Wire-Wound vs. Multilayer | Feature | Wire-Wound (AISC-0603F) | Multilayer Inductors | | :--- | :--- | :--- | | **Q-Factor** | High | Moderate/Low | | **Current Handling** | Better | Lower | | **DCR (Resistance)** | Lower | Higher | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷What is the typical DC resistance (DCR) for the AISC-0603F-R65?
    • ⤷ How does the 'R65' suffix translate to the inductance value?
    • ⤷ Can this inductor be used in high-power switching regulators?