データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-1210-R56

  • AI
    The **AISC-1210-R56** is a specific type of **Surface Mount Power Inductor**. These components are critical in power management circuits, primarily used for energy storage and filtering. Below is a detailed breakdown of its specifications, construction, and typical applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the part number is decoded as follows: * **Series (1210):** Refers to the physical dimensions (approximately 12mm x 10mm). * **Inductance (R56):** Represents the value in microhenries (µH). "R" acts as a decimal point, meaning **0.56 µH**. | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.56 µH | | **Tolerance** | Usually ±20% (M) | | **Footprint Size** | ~12.0 x 10.0 x 5.0 mm | | **Core Material** | Carbonyl Iron or Metal Alloy (Shielded) | | **Mounting Type** | SMD (Surface Mount Device) | --- ### 2. Internal Construction The AISC-1210 series is typically a **Molded Power Inductor**. Unlike traditional wire-wound inductors with exposed coils, these are constructed by: 1. **Winding:** A heavy-gauge copper wire is wound into a coil. 2. **Molding:** The coil is placed in a mold and pressed with a metallic magnetic powder. 3. **Shielding:** The molded body acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) and preventing the magnetic field from affecting nearby components. --- ### 3. Electrical Characteristics Because the inductance is very low (0.56 µH), this part is designed for **high-frequency** and **high-current** environments. * **Low DCR (DC Resistance):** Because the wire is thick and the inductance is low, the internal resistance is minimal, which prevents overheating. * **High Saturation Current ($I_{sat}$):** It can handle high surges of current before the magnetic core loses its effectiveness. * **Stable Performance:** The molded metal construction provides excellent stability across a wide range of temperatures. --- ### 4. Common Applications These inductors are most frequently found in high-efficiency power supplies: * **DC-DC Converters:** Used in "Buck" (step-down) converters to smooth out current ripples. * **Voltage Regulator Modules (VRM):** Common in laptop motherboards and GPU power phases. * **High-Current Point of Load (POL):** Used in servers and telecommunications equipment. * **Automotive Electronics:** Infotainment and LED lighting drivers due to their vibration resistance. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the 0.56uH version?
    • ⤷ How does a molded inductor differ from a traditional drum core inductor?
    • ⤷ What are the recommended soldering profiles for the 1210 package size?