データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-402-R12G-T

  • AI
    The **AISC-402-R12G-T** is a high-performance, industrial-grade **Single Board Computer (SBC)** designed primarily for AI inference at the edge and machine vision applications. It is part of the AAEON (ASUS group) AI@Edge product line. --- ### 1. Core Processing Architecture The heart of this system is the **NVIDIA® Jetson AGX Orin™** module. | Component | Specification | Description | | :--- | :--- | :--- | | **GPU** | NVIDIA Ampere Architecture | 1792 CUDA cores + 56 Tensor Cores | | **CPU** | 8-core Arm® Cortex®-A78AE | 64-bit CPU designed for high reliability | | **AI Performance** | Up to 200 TOPS (INT8) | High-speed processing for neural networks | | **Memory** | 32GB LPDDR5 | High bandwidth for large data models | | **Storage** | 64GB eMMC 5.1 | Onboard flash storage for the OS | --- ### 2. Key Electronic Interfaces & Connectivity The "402" series is specifically designed for multi-camera synchronization and industrial automation. #### A. Video & Imaging (The "G" in the Part Number) * **GMSL2 Ports:** This unit typically features 4 to 8 **GMSL2 (Gigabit Multimedia Serial Link)** inputs. These allow for high-speed, low-latency video transmission over long distances (up to 15m), which is critical for autonomous mobile robots (AMR). * **HDMI:** 1 x HDMI 2.1 for local display and debugging. #### B. Networking & Communication * **Ethernet:** Dual 10GbE or 1GbE ports (configuration dependent) for high-speed sensor data offloading. * **Expansion Slots:** * **M.2 M-Key (2280):** For NVMe SSD expansion. * **M.2 E-Key (2230):** Usually for Wi-Fi/Bluetooth modules. * **M.2 B-Key (3042/3052):** For LTE or 5G cellular modules. #### C. Industrial I/O * **CAN Bus:** Integrated CAN-FD for vehicle-to-system communication. * **DI/DO:** Isolated Digital Input/Output for triggering sensors or alarms. * **Serial Ports:** RS-232/422/485 support. --- ### 3. Power and Thermal Specifications The "-T" suffix often denotes an extended temperature range or specific thermal configuration. | Feature | Value | | :--- | :--- | | **Input Voltage** | 9V to 36V DC (Wide Range) | | **Power Consumption** | 15W ~ 60W (Adjustable via Orin profiles) | | **Operating Temp** | -20°C to 70°C (Extended range) | | **Cooling** | Active (Fan) or Passive (Heatsink) based on chassis | --- ### 4. Application Use Cases Due to its electronic configuration, this board is ideal for: 1. **Autonomous Vehicles:** Using GMSL2 cameras for 360-degree vision. 2. **Smart Factories:** High-speed defect detection on assembly lines. 3. **Agriculture Tech:** Robotic harvesting using AI vision. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between GMSL2 and standard USB/IP cameras for this board?
    • ⤷ Does the AISC-402 support Power over Ethernet (PoE) for external sensors?
    • ⤷ How do I configure the power profiles for the AGX Orin module on this device?