データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-Q0603HQ-R18

  • AI
    The **AISC-Q0603HQ-R18** is a high-performance electronic component belonging to the **Ceramic Chip Inductor** family, specifically designed for high-frequency and automotive applications. ### 1. General Specification Table Below are the primary technical parameters for this component: | Parameter | Value | | :--- | :--- | | **Manufacturer** | Abracon | | **Part Number Series** | AISC-Q0603HQ (High Q) | | **Inductance** | 180 nH (denoted by R18) | | **Tolerance** | ±5% (standard for this series) | | **Case Size** | 0603 (EIA) / 1608 (Metric) | | **Quality Factor (Q)** | High Q (Optimized for low loss) | | **Operating Temperature** | -40°C to +125°C | | **Qualification** | AEC-Q200 (Automotive Grade) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps identify its characteristics: * **AISC-Q**: Refers to the series name. The "Q" often denotes the **AEC-Q200** qualification, meaning it has passed rigorous stress tests for automotive environments. * **0603**: The physical footprint. It measures approximately 1.6mm x 0.8mm. * **HQ**: Stands for **High Q**. These inductors have lower internal resistance at high frequencies, providing better efficiency in RF circuits. * **R18**: The Inductance value. The "R" acts as a decimal point in microhenries ($\mu H$). * $0.18 \mu H = 180 nH$. --- ### 3. Key Electronic Characteristics The AISC-Q0603HQ series is built using **Wire-Wound technology** on a ceramic core. #### High Q Factor The "Quality Factor" is the ratio of inductive reactance to resistance. Because this part is "High Q," it minimizes energy loss, making it ideal for sharp filter characteristics and stable oscillators. #### Self-Resonant Frequency (SRF) Because this is a 180 nH inductor, its SRF is high (typically in the MHz to low GHz range). Beyond the SRF, the component ceases to behave as an inductor and acts as a capacitor. #### DC Resistance (DCR) Wire-wound inductors like this one typically have lower DCR than multilayer counterparts, allowing for higher current handling and less heat generation. --- ### 4. Common Applications * **Automotive Electronics:** Infotainment systems, ADAS, and engine control units. * **RF Communications:** Used in matching circuits for antennas and Bluetooth/Wi-Fi modules. * **Filtering:** High-frequency noise suppression in power lines. * **VCOs:** Voltage Controlled Oscillators where frequency stability is critical.
    ✨ Follow-up Questions
    • ⤷What is the typical Self-Resonant Frequency for a 180nH 0603 inductor?
    • ⤷ How does a wire-wound ceramic inductor differ from a multilayer ferrite inductor?
    • ⤷ What specific AEC-Q200 tests does this component undergo?