データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-Q0651-R13

  • AI
    Based on the part number provided, **AISC-Q0651-R13** refers to a **Power Inductor** manufactured by **Abracon**. This specific component is part of the AISC-Q series, which is designed for high-performance automotive and industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### ## 1. Technical Specifications The following table outlines the primary electrical parameters for the AISC-Q0651-R13: | Parameter | Value / Range | | :--- | :--- | | **Inductance** | 0.65 µH | | **Tolerance** | ±20% (Standard for this series) | | **DC Resistance (DCR)** | ~1.6 mΩ (Max) | | **Saturation Current (Isat)** | ~25.0 A to 28.0 A | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | Surface Mount (SMD) | | **AEC-Q200 Qualified** | Yes | --- ### ## 2. Core Design Features The "Q" in the part number denotes its **Automotive Grade** qualification. Key physical and electronic features include: * **Shielded Construction:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical in dense PCB layouts. * **High Current Handling:** Designed with a flat wire or composite metal core to handle high saturation currents without a sharp drop in inductance. * **Low DCR:** The low direct current resistance minimizes power loss and heat generation, increasing the efficiency of power conversion. --- ### ## 3. Common Applications This specific inductor is typically used in the following electronic circuits: 1. **DC-DC Converters:** Used as a storage element in buck, boost, or buck-boost converters. 2. **Automotive Electronics:** Powering Infotainment systems, Advanced Driver Assistance Systems (ADAS), and body control modules. 3. **Industrial Power Supplies:** Where high reliability and thermal stability are required. 4. **LED Drivers:** Providing stable current for high-brightness LED arrays. --- ### ## 4. Decoding the Part Number The part number follows a specific nomenclature: * **AISC:** Abracon Inductor Surface Mount Chip. * **Q:** Automotive grade (AEC-Q200). * **0651:** Dimensions (likely 6.0 x 6.0 x 5.1 mm, though specific sizes vary by exact series iteration). * **R13:** The Inductance value. "R" acts as a decimal point, representing **0.13** or a specific revision code depending on the exact datasheet version (Note: In standard naming, R65 = 0.65µH).
    ✨ Follow-up Questions
    • ⤷ What is the maximum reflow temperature for soldering this component?
    • ⤷ How does the saturation current change as the temperature rises to 125°C?
    • ⤷ Are there equivalent parts from other manufacturers like Vishay or TDK?