データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-Q0654-R16

  • AI
    Based on technical specifications for industrial electronic components, the **AISC-Q0654-R16** refers to a high-current, shielded power inductor. This part is typically used in power management circuits to manage energy storage and noise filtering. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.16 µH (denoted by 'R16') | | **Tolerance** | Usually ±20% (M) | | **Footprint/Size** | 0654 (Approx. 6.6mm x 6.4mm) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Physical Construction The "0654" series generally refers to a molded power inductor. These are constructed using: * **Metal Alloy Powder:** Provides high saturation current and stable performance over temperature fluctuations. * **Molded Structure:** The wire coil is embedded directly into the metal powder body, which minimizes "buzz" noise (acoustic noise) and provides superior protection against mechanical shock. * **Flat Wire/Leadframe:** Used to reduce DC Resistance (DCR) and improve efficiency. --- ### 3. Electronic Performance Features The AISC-Q series is designed for rigorous environments, often meeting automotive-grade standards (AEC-Q200). * **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy core, it can handle high current spikes without the inductance dropping off sharply. * **Low DCR:** The low internal resistance ensures minimal power loss through heat, which is critical for high-efficiency DC-DC converters. * **EMI Suppression:** The shielded design ensures that magnetic flux stays contained within the component, preventing interference with neighboring circuits. --- ### 4. Common Applications Due to its low inductance (0.16 µH) and high current capability, this part is ideal for: 1. **Voltage Regulator Modules (VRMs):** Found in servers and high-end CPUs. 2. **DC-DC Converters:** Point-of-load (POL) power supplies. 3. **Automotive Electronics:** Infotainment, ADAS systems, and ECU power filtering. 4. **Battery Powered Devices:** High-efficiency power stages for mobile hardware. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the 0.16uH variant?
    • ⤷ How does the metal alloy core compare to traditional ferrite cores?
    • ⤷ What are the soldering profile requirements for this SMD component?