データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-Q0658-R27

  • AI
    The **AISC-Q0658-R27** refers to a high-performance **IGBT (Insulated Gate Bipolar Transistor) Power Module**, typically manufactured by companies like Fuji Electric or Mitsubishi, often utilized in heavy-duty industrial applications such as motor drives, renewable energy inverters, and high-power switching systems. Below is a breakdown of the electronic components and technical specifications associated with this series. --- ### 1. Core Technical Specifications The "R27" designation usually points to a specific generation or revision of the power module housing. | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | IGBT Module (6-Pack/Bridge) | Power Semiconductor | | **Voltage Rating (Vces)** | Collector-Emitter Voltage | 600V - 1200V | | **Current Rating (Ic)** | Continuous Collector Current | 50A - 150A | | **Circuit Configuration** | 6-Pack (Three-Phase Bridge) | Includes Thermistor | | **Package Style** | Low-profile, Integrated Pins | R27 / EasyPIM style | --- ### 2. Key Internal Components An IGBT module like the AISC-Q0658 is not a single transistor but an integrated circuit containing several parts: 1. **IGBT Chips:** The main switching elements that combine the high input impedance of a MOSFET with the low saturation voltage of a bipolar transistor. 2. **FWD (Free Wheeling Diodes):** Connected in anti-parallel with the IGBTs to protect them from inductive kickback (voltage spikes) during switching. 3. **NTC Thermistor:** An internal temperature sensor used to monitor the module's heat levels and trigger thermal shutdown if necessary. 4. **DBC Substrate:** Direct Bonded Copper substrate provides high electrical insulation and efficient heat transfer to the baseplate. --- ### 3. Application Use-Cases These parts are designed for power conversion. Typical use-cases include: * **AC Motor Drives:** Controlling the speed of industrial motors (VFDs). * **Servo Drives:** High-precision motion control in robotics. * **Uninterruptible Power Supplies (UPS):** Converting DC battery power back to AC. * **Solar Inverters:** Converting DC from panels into grid-ready AC. --- ### 4. Thermal Management Hardware Because these modules handle high currents, they require external cooling components to prevent failure: ```markdown * Thermal Paste: Applied between the module base and the heatsink. * Aluminum Heatsink: Dissipates heat generated during high-frequency switching. * Cooling Fans: Often used to provide forced-air cooling over the fins. ``` ---
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the R27 package?
    • ⤷ How does the internal NTC thermistor protect the AISC-Q0658 module?
    • ⤷ What is the maximum switching frequency for this IGBT series?