データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AISC-Q0660-R30

  • AI
    The **AISC-Q0660-R30** is a high-performance power inductor, typically categorized as a shielded surface-mount (SMD) component. These parts are engineered for high-current power supplies, automotive applications, and DC-DC converters where efficiency and thermal stability are critical. --- ### 1. Key Technical Specifications The "Q0660" series usually denotes the physical dimensions (approximately 6.6mm x 6.6mm footprint), while "R30" refers to the inductance value. | Parameter | Value/Description | | :--- | :--- | | **Inductance** | 0.30 µH (Microhenries) | | **Component Type** | Shielded Fixed Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Metal/Ferrite (High saturation) | | **Tolerance** | Usually ±20% | | **Operating Temp** | -40°C to +125°C or higher (Automotive grade) | --- ### 2. Physical & Construction Features * **Magnetic Shielding:** The part is magnetically shielded to minimize Electromagnetic Interference (EMI), which is vital for densely packed circuit boards. * **Low DCR:** It features very low DC Resistance (DCR), which reduces power loss and heat generation during operation. * **Robust Build:** The "AISC" prefix often signifies an automotive-grade construction, meaning it is designed to withstand high vibrations and thermal cycling. --- ### 3. Application Use Cases Inductors like the AISC-Q0660-R30 are found in the power stages of modern electronics: 1. **DC-DC Converters:** Used in Buck or Boost converters to smooth out current ripples. 2. **Infotainment Systems:** Providing stable power to automotive displays and processors. 3. **LED Drivers:** Managing current flow for high-brightness automotive lighting. 4. **CPU/GPU Power:** Acting as a "choke" in the voltage regulator modules (VRMs) of high-speed processors. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature typically follows this logic: ```text AISC - Q - 0660 - R30 | | | | | | | +-- Inductance Value (R30 = 0.30 µH) | | +--------- Package Size (Approx. 6.6 x 6.6 mm) | +-------------- High-Current/Automotive Grade Series +-------------------- Manufacturer Series Code ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) for this specific inductor?
    • ⤷ How does 'R30' compare to '3R3' in terms of inductance value?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?