データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AJT175

  • AI
    The **AJT175** refers to a specific model of **Class J Time-Delay Fuse** manufactured by Mersen (formerly Ferraz Shawmut). These are high-performance industrial fuses designed to protect circuits from overcurrent and short circuits. --- ### ## Technical Specifications Below are the primary electrical characteristics of the AJT175: | Feature | Specification | | :--- | :--- | | **Amperage Rating** | 175 Amperes | | **Voltage Rating (AC)** | 600 VAC | | **Voltage Rating (DC)** | 500 VDC | | **Interrupting Rating** | 200kA at 600VAC / 100kA at 500VDC | | **Class** | Class J | | **Type** | Time-Delay (SmartSpot Optional) | | **Material** | Glass Melamine Body | --- ### ## Key Electronic Components & Features The AJT175 is more than a simple wire; it is an engineered protective component: 1. **Time-Delay Element:** Unlike "Fast-Acting" fuses, the AJT175 contains a dual-element structure. This allows the fuse to withstand temporary surges (like motor start-ups) without blowing, but it will react quickly to sustained overloads or short circuits. 2. **SmartSpot Technology:** Many AJT series fuses include a visual blown-fuse indicator. This is a small chemical/mechanical window that changes color when the internal element has melted, allowing for rapid troubleshooting in large electrical panels. 3. **Current Limitation:** The AJT175 is highly "current-limiting." In the event of a massive short circuit, the fuse reacts so fast that it prevents the peak current from ever reaching its full potential, protecting downstream sensitive electronics. 4. **Arc Quenching Material:** The interior of the glass melamine tube is filled with high-purity silica sand. When the internal link melts, the sand turns into glass (fulgurite) to extinguish the electrical arc and prevent the fuse from exploding. --- ### ## Common Applications Due to its high amperage and time-delay characteristics, the AJT175 is typically used in: * **Motor Branch Circuits:** Handling the high "in-rush" current when a motor first turns on. * **Control Transformers:** Protecting the primary side of industrial power transformers. * **Main Disconnects:** Serving as the primary protection for large electrical distribution panels. * **Heating and Cooling (HVAC):** Protection for large industrial compressors. --- ### ## Installation Example When integrating an AJT175 into a system, it is typically housed in a dedicated Class J fuse block or a safety switch. ```text Power Source (600V) -> Safety Switch -> [AJT175 Fuse] -> Industrial Motor ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class J and a Class R fuse?
    • ⤷ How does the SmartSpot indicator work in the AJT series?
    • ⤷ Can the AJT175 be used in DC solar power applications?