AL1663R
AI

## AL1663R: High-Performance LED Driver
The **AL1663R** is a high-performance, single-stage flyback and buck-boost controller specifically designed for LED lighting applications. It is engineered to provide high Power Factor Correction (PFC) and accurate Constant Current (CC) control.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Topology** | Single-stage Flyback / Buck-Boost |
| **Operating Mode** | Boundary Conduction Mode (BCM) |
| **Power Factor** | > 0.9 |
| **THD** | < 20% |
| **Supply Voltage (VCC)** | Up to 30V |
| **Package Type** | SO-8 |
| **Dimming Support** | Analog and PWM dimming |
---
### 2. Primary Functional Components
The internal architecture of the AL1663R consists of several critical electronic sections:
#### A. Power Factor Correction (PFC)
The IC operates in **Boundary Conduction Mode (BCM)**. This minimizes switching losses and reduces Electromagnetic Interference (EMI) while ensuring the input current follows the input voltage waveform, resulting in a high Power Factor.
#### B. Constant Current (CC) Control
The device uses primary-side regulation (PSR). This eliminates the need for an optocoupler and a TL431 reference on the secondary side, reducing the Overall Bill of Materials (BOM) cost and increasing reliability.
#### C. Dimming Interface
The AL1663R features a versatile dimming pin:
* **Analog Dimming:** Adjusts the output current by changing the DC voltage level on the CTRL pin.
* **PWM Dimming:** Accepts a PWM signal to adjust the brightness by varying the duty cycle.
---
### 3. Integrated Protection Features
To ensure long-term reliability in lighting fixtures, the AL1663R includes hardware-level protections:
1. **Under Voltage Lockout (UVLO):** Prevents the IC from operating at unstable voltage levels.
2. **Over Voltage Protection (OVP):** Protects the circuit in case of an open-load condition.
3. **Short Circuit Protection (SCP):** Automatically shuts down the output if a short is detected.
4. **Over Temperature Protection (OTP):** Reduces output current or shuts down if the internal silicon temperature exceeds safe limits.
---
### 4. Typical Application Circuit
In a standard flyback configuration, the AL1663R controls an external N-channel MOSFET.
```c
// Conceptual pinout representation (SO-8)
Pin 1: CTRL (Dimming Input)
Pin 2: CS (Current Sense)
Pin 3: ROVP (Over Voltage Protection Sense)
Pin 4: GND (Ground)
Pin 5: GATE (Gate Drive for external MOSFET)
Pin 6: VCC (Supply Voltage)
Pin 7: COMP (Compensation Capacitor)
Pin 8: FB (Feedback Pin)
```
---
- ⤷
What are the main advantages of using Primary-Side Regulation (PSR) in the AL1663R?
- ⤷ How does the Boundary Conduction Mode (BCM) help in reducing EMI?
- ⤷ Can the AL1663R be used for non-dimmable LED driver designs?