データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALCT-531-R

  • AI
    The **ALCT-531-R** is a specialized electronic component, typically categorized as a **current transformer (CT)** or a current sensing module used in power monitoring and industrial automation. --- ### 1. Technical Specifications Below are the general electronic parameters associated with the ALCT series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Range** | 0 - 50A (Model dependent) | | **Output Type** | 4-20mA or 0-5V DC | | **Accuracy Class** | 0.5% - 1.0% | | **Supply Voltage** | 24V DC (Loop-powered or local) | | **Response Time** | < 250ms | | **Isolation Voltage** | 2kV - 5kV AC | --- ### 2. Core Electronic Components The internal circuitry of an ALCT-531-R consists of several key stages: 1. **Inductive Core (CT):** A toroidal or rectangular ferrite/silicon steel core that captures the magnetic field generated by the primary AC wire. 2. **Precision Rectification:** Converts the low-voltage AC signal from the secondary winding into a DC signal. 3. **Signal Conditioning (Op-Amps):** Operational amplifiers filter noise and scale the voltage to a linear representation of the primary current. 4. **Current Loop Driver:** If it is a 4-20mA model, it includes a transmitter circuit (like an XTR115) to ensure the signal remains stable over long cable runs. --- ### 3. Key Electronic Features * **Galvanic Isolation:** The primary high-voltage conductor is physically separated from the low-voltage sensing circuit by the magnetic core, ensuring safety for PLC/DCS inputs. * **True RMS Conversion:** Higher-end versions include an integrated RMS-to-DC converter IC to accurately measure non-sinusoidal waves (distorted by VFDs or switching power supplies). * **Burden Resistor:** An internal high-precision resistor that converts the induced current into a measurable voltage. --- ### 4. Wiring Diagram Representation The wiring usually follows a standard industrial loop configuration: ```mermaid graph LR A[Power Source] --> B((ALCT-531-R Sensor)) B --> C[PLC/Controller Input] C --> D[24V DC Power Supply] D --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 4-20mA and 0-10V output versions of this sensor?
    • ⤷ How do you calibrate the ALCT-531-R for specific current ranges?
    • ⤷ Does this sensor support monitoring for DC currents or only AC?