データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALDN-41-R

  • AI
    ## Overview of the ALDN-41-R The **ALDN-41-R** is a specific model of an illuminated pushbutton switch, commonly manufactured by **IDEC** (part of the TWTD series). These are industrial-grade components designed for control panels, heavy machinery, and automation systems. --- ### Technical Specifications The component consists of three primary electronic and mechanical sections: the **operator**, the **contact block**, and the **illumination unit**. | Feature | Specification | | :--- | :--- | | **Series** | TWTD Series (Heavy Duty) | | **Mounting Hole** | 30mm | | **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Operator Type** | Extended Pushbutton / Momentary Action | | **Illumination Color** | Red (indicated by the "-R" suffix) | | **Input Voltage** | 120V AC (Standard for this specific part numbering) | | **Lamp Type** | LED or Incandescent (Transformer type) | --- ### Key Electronic Components #### 1. The Contact Block The ALDN-41-R uses modular contact blocks. * **1NO (Normally Open):** Completes the circuit when the button is pressed. * **1NC (Normally Closed):** Breaks the circuit when the button is pressed. * **Ratings:** Typically rated for 10A at 600V AC (Thermal Current), though operational current varies based on voltage. #### 2. The Transformer / Illumination Unit This specific model usually includes a **step-down transformer**. * It takes the industrial supply voltage (120V AC) and reduces it to a lower voltage (typically 6V) to power the lamp. * This design provides galvanic isolation and enhances the lifespan of the bulb. #### 3. The Light Source * **LED:** Modern versions use high-intensity LEDs for long life and vibration resistance. * **Lens:** The "R" stands for Red, meaning the lens is manufactured from a high-impact polycarbonate red plastic to filter the light. --- ### Wiring and Installation The device features **screw terminals** with captive wire clamps. * **Terminals X1/X2:** Used for the illumination circuit (powering the light). * **Terminals 1-2 (NC):** Used for safety stops or logic where a signal must be cut. * **Terminals 3-4 (NO):** Used for start signals or logic where a signal must be sent. --- ### Application Usage * **Industrial Control Panels:** As a "Start" or "Status" indicator. * **Emergency Interlocks:** Used where a visible red indicator is required to show the machine state. * **Heavy Duty Environments:** Rated NEMA 4/4X/13 and IP65, making it resistant to oil, water, and dust.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ALDN-41-R and the ALDN-42-R models?
    • ⤷ Can the LED in this switch be replaced with a different color?
    • ⤷ What are the specific torque requirements for the screw terminals?