データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALM-12-R

  • AI
    The **ALM-12-R** is a specific electronic component primarily known as a **2-Phase Stepper Motor**, often utilized in precision instrumentation, medical devices, and camera optics (such as auto-focus or zoom mechanisms). Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Internal Electronic Structure The ALM-12-R operates on electromagnetic principles. Its internal assembly consists of the following key parts: | Part | Material/Type | Function | | :--- | :--- | :--- | | **Stator Coils** | Copper Wire (Fine gauge) | Creates the electromagnetic field when energized. | | **Rotor** | Permanent Magnet | Rotates in discrete steps in response to the magnetic field. | | **Lead Wires** | 4-Wire Configuration | Connects the internal coils to the external driver circuit. | | **Housing** | Metal/Plastic Alloy | Provides structural integrity and electromagnetic shielding. | --- ## 2. Technical Specifications Understanding the electrical limitations is critical for integrating the ALM-12-R into a circuit. ### Electrical Characteristics * **Type:** Bipolar Stepper Motor. * **Phase:** 2-Phase. * **Rated Voltage:** Typically operates between **3V to 5V DC**. * **Resistance:** Usually measured at ~10-20 Ohms per phase (varies by specific sub-batch). * **Step Angle:** Typically **18 degrees** (meaning 20 steps per full revolution). --- ## 3. Driving the ALM-12-R Because this is a stepper motor, it cannot be powered by a simple DC source. It requires a **Motor Driver IC** to sequence the pulses to the coils. ### Common Driving Logic To move the motor, the electronic controller must follow a specific switching sequence: ```python # Example Step Sequence for a 4-wire Bipolar Motor # Phase A+, Phase A-, Phase B+, Phase B- Step 1: [High, Low, High, Low] Step 2: [Low, High, High, Low] Step 3: [Low, High, Low, High] Step 4: [High, Low, Low, High] ``` ### Compatible Driver ICs * **L293D:** Standard H-Bridge (common for hobbyist use). * **A4988:** Microstepping driver for higher precision. * **DRV8833:** Low-voltage dual H-bridge (ideal for the 3V-5V range of the ALM-12-R). --- ## 4. Typical Applications The "R" in the part number often signifies a specific rotational or radial mounting style, making it common in: 1. **Optical Drives:** Moving the laser head or lens assembly. 2. **CCTV/IP Cameras:** Controlling the Pan/Tilt or Zoom (PTZ) functions. 3. **Miniature Valves:** Electronic flow control in medical laboratory equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current draw per phase for the ALM-12-R?
    • ⤷ Can the ALM-12-R be used with an Arduino without an external driver?
    • ⤷ What are the dimensions and mounting requirements for this motor?