データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALM-23-R

  • AI
    Based on the technical profile, the **ALM-23-R** is an advanced electronic component primarily used in **Active Antenna Systems (AAS)** and wireless infrastructure. It is specifically a **Remote Radio Head (RRH)** or **Active Antenna Unit (AAU)** subsystem designed for 5G and LTE networks. Below is a detailed breakdown of its electronic components and architecture. --- ## 1. Core Electronic Specifications The ALM-23-R acts as an integrated RF front-end. Its internal circuitry is designed to handle high-frequency signals with low power consumption. | Feature | Specification Details | | :--- | :--- | | **Frequency Range** | Typically 2.3 GHz - 2.7 GHz (S-Band) | | **Technology** | GaN (Gallium Nitride) or LDMOS based Power Amplifiers | | **MIMO Support** | Multi-Input Multi-Output (up to 32T32R or 64T64R) | | **Interface** | CPRI (Common Public Radio Interface) or eCPRI | | **Power Input** | -48V DC Standard | --- ## 2. Key Internal Electronic Subsystems The device consists of several critical PCB-level sections: ### A. RF Transceiver Section This is the heart of the unit. It converts digital data from the baseband into analog radio waves. * **DAC/ADC:** High-speed converters translate digital streams to RF. * **Up/Down Converters:** Shift the signals to the desired 2.3 GHz carrier frequency. ### B. Power Amplifier (PA) Module This part is responsible for boosting the signal strength so it can travel miles to reach mobile devices. * **Doherty Architecture:** Used to improve power efficiency. * **Digital Pre-Distortion (DPD):** A circuit that compensates for non-linearities in the amplifier to prevent signal leakage into adjacent channels. ### C. The Filter Bank * **Cavity Filters:** High-Q filters that ensure the device only transmits within its licensed spectrum and rejects interference from neighboring bands. ### D. Control & Management Processor * **FPGA/ASIC:** Typically uses Xilinx or Intel Altera FPGAs to handle high-speed digital signal processing (DSP) and beamforming calculations. * **MCU:** A microcontroller handles the "housekeeping" tasks like temperature monitoring, fan control, and alarm reporting. --- ## 3. Connectivity and Ports | Port Type | Function | | :--- | :--- | | **Optical (SFP+)** | Fiber optic connection for data backhaul to the BBU (Baseband Unit). | | **AISG Port** | Used for controlling the Remote Electrical Tilt (RET) of the antennas. | | **RF Connectors** | Typically 4.3-10 or Nex10 connectors for low PIM (Passive Intermodulation). | --- ## 4. Thermal Management Electronic components in the ALM-23-R generate significant heat. The chassis is usually designed as a massive **heat sink** made of die-cast aluminum with fins to dissipate heat via natural convection, ensuring the internal semiconductors do not exceed their thermal junction limits.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the ALM-23-R during peak traffic?
    • ⤷ Does the ALM-23-R support Open RAN (O-RAN) standards?
    • ⤷ Which specific GaN technology is utilized in the power amplifier stage?