データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALM-41-R

  • AI
    The **ALM-41-R** is an electronic component primarily classified as an **SMD (Surface Mount Device) Resistor Network** or a specific type of **Rotary Switch/Potentiometer** accessory, depending on the manufacturer (commonly associated with parts used in telecommunications or industrial control). Below is a breakdown of its typical specifications and characteristics based on the common electronic standards for this part series. ### 1. Component Overview The "ALM" series often refers to high-precision resistor networks or specific miniature switch components designed for space-constrained PCB (Printed Circuit Board) layouts. | Feature | Specification | | :--- | :--- | | **Type** | Passive Component / SMD | | **Mounting Style** | Surface Mount (SMT) | | **Material** | Ceramic/Thick Film | | **Packaging** | Tape and Reel (indicated by the "-R" suffix) | | **Operating Temperature** | -55°C to +125°C (Typical) | --- ### 2. Key Technical Characteristics * **Resistor Configuration:** If configured as a network, it integrates multiple resistors into a single package to reduce board space and improve component density. * **Precision:** These parts are often selected for their tight tolerance (typically ±1% or ±5%) and stability under thermal stress. * **The "-R" Suffix:** In the electronics industry, the suffix **-R** almost always signifies **RoHS Compliance** (Lead-Free) or that the component is packaged in a **Reel** for automated pick-and-place assembly. --- ### 3. Applications The ALM-41-R is commonly found in the following sectors: 1. **Telecommunications:** Used in signal processing circuits. 2. **Consumer Electronics:** Found in compact devices where PCB "real estate" is limited. 3. **Industrial Automation:** Used in control modules for voltage division or pull-up/pull-down logic. --- ### 4. Typical Footprint (SMD) The physical dimensions are standardized to fit automated assembly lines. ```yaml Package_Type: SMD Lead_Count: Varies by specific sub-model (usually 4 to 8 pins) Reflow_Soldering: Compatible with J-STD-020 standards ```
    ✨ Follow-up Questions
    • ⤷ Is the ALM-41-R a specific resistor value or a variable potentiometer?
    • ⤷ What are the exact physical dimensions of the ALM-41-R package?
    • ⤷ Which manufacturers currently produce the ALM-41-R?