データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALNR-232-R

  • AI
    ## Overview of the ALNR-232-R The **ALNR-232-R** is a specialized industrial-grade communication adapter/isolator, typically used to interface RS-232 serial devices with networked systems or to provide galvanic isolation for long-distance serial communication. Below is a breakdown of its core electronic characteristics and components. --- ### 1. Core Technical Specifications The device is designed to handle asynchronous data transmission while protecting sensitive circuitry from electrical surges. | Feature | Specification | | :--- | :--- | | **Interface Type** | RS-232 (DB9 or Terminal Block) | | **Isolation Voltage** | Typically 2.5kV to 3kV RMS | | **Baud Rate Support** | 300 bps to 115.2 kbps | | **Power Input** | 9-30V DC (External or Bus-powered) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **ESD Protection** | ±15kV Air-Gap Discharge | --- ### 2. Key Electronic Components #### A. Galvanic Isolation Circuitry The "R" in the model often signifies **Reliability** or **Robustness**, achieved through optical or magnetic couplers. * **Optocouplers:** These convert electrical signals into light and back to electricity, ensuring there is no direct physical connection between the input and output. This prevents ground loops. * **DC-DC Converters:** An internal isolated power module ensures that power on the field side is independent of the logic side. #### B. The Transceiver (IC) The heart of the device is an RS-232 transceiver (similar to the MAX3232 series but industrial spec). * **Charge Pumps:** Integrated capacitors that step up low voltages to the +13V / -13V levels required by the RS-232 standard. * **Auto-Direction Sensing:** Many ALNR models feature automatic data direction control, eliminating the need for RTS/CTS hardware flow control. #### C. Protection Stage To survive industrial environments, the ALNR-232-R includes: * **TVS Diodes:** Transient Voltage Suppressors to clamp high-voltage spikes. * **Gas Discharge Tubes (Optional):** Used in high-exposure areas to divert massive surges to the earth ground. * **Resettable Fuses (PTCs):** Protects the internal circuitry from over-current conditions. --- ### 3. Connection Pinout (Standard RS-232) Depending on the specific configuration, the electronic interface follows the standard DB9 layout: | Pin | Signal | Direction | Description | | :--- | :--- | :--- | :--- | | 2 | RXD | Input | Receive Data | | 3 | TXD | Output | Transmit Data | | 5 | GND | - | Signal Ground | | 7 | RTS | Output | Request to Send | | 8 | CTS | Input | Clear to Send | --- ### 4. Typical Applications * **PLC Programming:** Connecting a laptop to a Programmable Logic Controller in a factory with high electrical noise. * **CNC Machinery:** Interfacing computers with lathes or mills where motor noise can corrupt data. * **Remote Monitoring:** Sending serial data over long cables where ground potential differences exist between buildings.
    ✨ Follow-up Questions
    • ⤷ Does the ALNR-232-R require external drivers for Windows 10/11?
    • ⤷ What is the maximum cable length supported by this isolator?
    • ⤷ How do I wire the terminal block for a 3-wire RS-232 setup?