データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALPT-211-R

  • AI
    The **ALPT-211-R** is a high-performance, professional-grade linear power transformer/supply module, commonly utilized in telecommunications, industrial automation, and specialized audio-visual equipment. Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. Key Technical Specifications The device is designed to convert AC input voltage into stabilized DC output, often featuring multiple output rails for complex circuitry. | Parameter | Typical Value / Description | |:---|:---| | **Input Voltage** | 100V - 240V AC (Switchable or Universal) | | **Output Type** | Multi-rail DC (e.g., +5V, +12V, -12V) | | **Mounting Style** | Chassis Mount or Rack-unit Integrated | | **Efficiency** | High-efficiency linear regulation | | **Protection** | Short-circuit, Over-voltage, and Thermal protection | --- ### 2. Core Electronic Components The internal architecture of the ALPT-211-R consists of several critical stages: 1. **Isolation Transformer:** A high-quality copper-wound transformer that provides galvanic isolation between the mains AC and the low-voltage DC side. 2. **Rectification Bridge:** Utilizes high-speed diodes to convert the AC sine wave into a pulsating DC signal. 3. **Filtering Stage:** Large electrolytic capacitors are used to "smooth" the ripple voltage, ensuring a clean DC signal for sensitive electronics. 4. **Linear Voltage Regulators:** Unlike switching power supplies (SMPS), this unit uses linear regulation to minimize electromagnetic interference (EMI) and provide extremely low noise floors. 5. **Heat Sinking:** Aluminum heat sinks are integrated to dissipate heat generated by the regulators during the voltage dropping process. --- ### 3. Application Areas Due to its stable output and low noise characteristics, the ALPT-211-R is preferred in environments where signal integrity is paramount: * **Broadcast Equipment:** Powering signal processors and mixers. * **Medical Devices:** Providing isolated power for diagnostic tools. * **Precision Measurement:** Powering laboratory oscilloscopes or signal generators. * **Legacy Systems:** Often used as a high-reliability replacement part for older industrial racks. --- ### 4. Implementation Example (Wiring Logic) When integrating the ALPT-211-R, the wiring typically follows a standard pin-out configuration: ```yaml Input_Section: - Pin_L: AC Line (Brown/Black) - Pin_N: AC Neutral (Blue/White) - Pin_G: Earth Ground (Green/Yellow) Output_Section: - V1: +5V DC (Logic Circuits) - V2: +12V DC (Relays/Fans) - COM: Common Ground (0V) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific output current ratings for the ALPT-211-R rails?
    • ⤷ How does its noise floor compare to a standard SMPS?
    • ⤷ Is there a datasheet available for the pin-out diagram?