データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALPT-221-R

  • AI
    The **ALPT-221-R** is a high-performance **Fiber Optic Transmitter** (Data Link) typically used for digital audio and data transmission. It is most commonly found in consumer electronics as an optical interface (TOSLINK compatible). --- ### ## Technical Specifications Below is a breakdown of the core electronic characteristics of the ALPT-221-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Fiber Optic Transmitting Module | | **Operating Voltage (Vcc)** | 2.7V to 5.5V (typically 5V) | | **Peak Emission Wavelength** | 660nm (Red Visible Light) | | **Data Rate** | Up to 16 Mbps (High Speed) | | **Transmission Distance** | Up to 20 Meters (using APF) | | **Operating Temperature** | -20°C to +70°C | --- ### ### Internal Architecture The module consists of several integrated electronic parts that allow it to convert electrical signals into light pulses: 1. **LED (Light Emitting Diode):** A high-speed Red LED that serves as the light source. 2. **Drive IC:** An internal integrated circuit that acts as a buffer and driver for the LED. It ensures that the input logic levels (TTL/CMOS) are correctly converted into current to drive the LED. 3. **Housing/Connector:** A specialized plastic casing designed to align with an optical fiber connector (JIS F05 standard). --- ### ### Pin Configuration The device usually features a 3-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground connection | | 2 | **Vcc** | Power supply (positive) | | 3 | **Vin** | Digital signal input (TTL Level) | --- ### ### Application Circuit Example To use the ALPT-221-R in a circuit, a decoupling capacitor is recommended to maintain signal integrity. ```c // Simplified Circuit Representation [Digital Out (MCU)] ----> [Pin 3: Vin] [5V Supply] ------------> [Pin 2: Vcc] <--- (0.1uF Capacitor to GND) [Ground] ---------------> [Pin 1: GND] ``` --- ### ### Key Advantages * **EMI Immunity:** Since data is transmitted via light through plastic optical fiber, the signal is immune to electromagnetic interference. * **Galvanic Isolation:** There is no electrical connection between the transmitter and the receiver, preventing ground loops. * **TTL Compatibility:** It can interface directly with microcontrollers (like Arduino or ESP32) without complex level shifting.
    ✨ Follow-up Questions
    • ⤷ What is the matching receiver module for the ALPT-221-R?
    • ⤷ Can this module be used for high-fidelity audio (S/PDIF)?
    • ⤷ What is the maximum current consumption of this transmitter?