データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALR-012-R

  • AI
    The **ALR-012-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**, often manufactured by companies like *Alpha* or part of the *ALR series* from various magnetic component suppliers. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The part number "012" and the suffix "R" usually define the inductance value and the tolerance/packaging. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | 12 $\mu$H (Microhenries) | | **Tolerance** | $\pm$20% (Common for 'R' series) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite or Iron Powder | | **Shielding** | Often Shielded (to reduce EMI) | --- ### 2. Key Electronic Features #### A. Power Handling These inductors are designed to handle high saturation currents. This means the inductance remains stable even when high levels of DC current pass through the coil, preventing the magnetic core from "saturating." #### B. Low DC Resistance (DCR) The ALR series is engineered to have very low internal resistance. This minimizes power loss through heat (Joule heating), making the component highly efficient for power conversion tasks. #### C. Electromagnetic Interference (EMI) Suppression Since the ALR-012-R is frequently a shielded inductor, it contains the magnetic field within the component. This prevents the inductor from interfering with nearby sensitive components on the PCB. --- ### 3. Common Applications The ALR-012-R is primarily used in power management circuits where voltage needs to be regulated or filtered. * **DC-DC Converters:** Used as energy storage elements in buck (step-down) or boost (step-up) converters. * **Voltage Regulator Modules (VRM):** Common in laptops and desktop motherboards to stabilize CPU/GPU power. * **LED Drivers:** Used to maintain constant current for lighting applications. * **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power supply lines. --- ### 4. Code Breakdown Typically, the nomenclature follows this logic: * **ALR:** Series prefix (Automotive or Low Resistance series). * **012:** Inductance code. 012 usually represents 12 $\mu$H. * **R:** Can signify "RoHS Compliant" or a specific Tolerance/Packaging style (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the ALR-012-R?
    • ⤷ How does a shielded inductor differ from an unshielded one in PCB design?
    • ⤷ What are the physical dimensions of the ALR-012-R package?