AI

The **ALR-313-R/Q** series refers to a specific line of **Long Range RFID Readers** manufactured by Alien Technology. These devices are industrial-grade RFID interrogators designed for supply chain, logistics, and asset tracking applications.
---
## 1. Core System Architecture
The electronic design of the ALR-313 series is built around a high-performance digital signal processor (DSP) and a sensitive radio frequency (RF) front-end.
| Component Category | Description |
| :--- | :--- |
| **Processor** | High-speed integrated CPU for handling the Linux-based OS and tag filtering. |
| **RF Module** | UHF Transceiver designed for the 860-960 MHz range (Global standards). |
| **Memory** | Internal Flash for firmware and SDRAM for real-time data buffering. |
| **I/O Controller** | Manages external triggers, sensors, and status LEDs. |
---
## 2. Key Electronic Specifications
The "R" and "Q" variants typically denote regional frequency settings (e.g., FCC for North America or ETSI for Europe) or specific port configurations.
### RF Characteristics
* **Operating Frequency:** 865–928 MHz (Region dependent).
* **Air Interface Protocol:** EPCglobal Class 1 Gen 2 / ISO 18000-6C.
* **Transmit Power:** Adjustable up to 30.7 dBm (varies by regulatory domain).
* **Modulation:** PR-ASK or SSB-ASK.
### Connectivity & Power
* **Ethernet:** 10/100 Mbps Base-T (RJ-45) for data communication.
* **Serial Port:** RS-232 for local configuration and legacy system integration.
* **GPIO:** General Purpose Input/Output pins to connect motion sensors or light stacks.
* **Power Supply:** Typically 24V DC input via an external power brick.
---
## 3. Physical Electronic Interface
The reader features several physical connection points essential for its operation:
1. **Antenna Ports:** Multiple R-TNC (Reverse Polarity TNC) connectors. The "long range" capability is derived from the high sensitivity of these ports, allowing the device to pick up weak signals from passive tags.
2. **Status LEDs:** Indicators for Power, Link, Activity, and Read Status.
3. **Expansion Slot:** Internal headers for proprietary Alien expansion modules.
---
## 4. Software & Firmware Interface
The hardware is controlled via the **Alien Reader Protocol (ARP)**. Developers interact with the electronics through:
* **APIs:** Java, .NET, and Ruby libraries.
* **Alien Gateway:** A web-based GUI for hardware diagnostics and RF tuning.
```python
# Conceptual example of interacting with an ALR reader via Python
import socket
def get_reader_info(ip_address):
# Standard Alien Reader Port is 23 (Telnet)
with socket.create_connection((ip_address, 23)) as sock:
sock.sendall(b"admin\n") # Username
sock.sendall(b"password\n") # Password
sock.sendall(b"Get Info\n") # Command to fetch hardware specs
return sock.recv(1024).decode()
```
---
- ⤷What are the specific differences between the R and Q suffixes in this model?
- ⤷ How do I configure the GPIO pins for an automated sorting system?
- ⤷ What is the maximum number of antennas supported by the ALR-313?