データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALR-511-R

  • AI
    The **ALR-511-R** is a high-performance, single-axis analog tilt sensor (inclinometer) manufactured by Advanced Orientation Systems (AOSI). It is designed to measure angular displacement relative to gravity. --- ### 1. Core Electronic Specifications The sensor operates on an electrolytic principle, converting physical tilt into a measurable electrical signal. | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | Typically ±5V to ±15V DC (Dual Supply) | | **Output Type** | Analog Voltage (Proportional to angle) | | **Angular Range** | ±10° to ±45° (Depending on specific calibration) | | **Resolution** | < 0.001 degrees | | **Null Repeatability** | High precision (typically < 0.01°) | | **Operating Current** | < 10 mA | --- ### 2. Internal Electronic Components The device is comprised of three primary electronic sections: 1. **Electrolytic Sensing Element:** A glass or ceramic vial filled with a conductive fluid (electrolyte) and several electrodes. As the sensor tilts, the fluid covers more or less of the electrodes, changing the electrical resistance between them. 2. **AC Excitation Circuit:** Electrolytic sensors cannot be driven by DC current because it would cause electrolysis and degrade the fluid. The internal electronics generate an **AC signal** to drive the sensor element. 3. **Signal Conditioning (Demodulator):** The internal circuitry converts the AC resistance changes into a stable **DC output voltage**. This section includes filters to remove high-frequency noise and operational amplifiers (Op-Amps) to scale the signal. --- ### 3. Pinout and Connection Logic The ALR-511-R typically utilizes a standard multi-wire interface. While specific wire colors can vary by manufacturing batch, the standard configuration follows this logic: * **V+ / V-**: Power supply inputs. * **Ground**: Common reference point. * **Analog Out**: The signal wire where voltage changes based on the tilt angle. * **Reference Out (Optional)**: Provides a stable zero-point reference. --- ### 4. Comparison: Analog vs. Digital Sensors | Feature | ALR-511-R (Analog) | MEMS (Digital) | | :--- | :--- | :--- | | **Signal Processing** | No latency, infinite resolution. | Quantized steps, processing delay. | | **Durability** | High resistance to vibration. | Sensitive to high G-shocks. | | **Complexity** | Requires an External ADC to read. | Direct I2C/SPI communication. | --- ### 5. Application Integration To use the ALR-511-R with a microcontroller (like an Arduino or PLC), the following circuit logic is applied: ```cpp // Example logic for reading the ALR-511-R int sensorPin = A0; // Connected to Analog Out float sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Conversion formula: (Voltage - Offset) * Sensitivity_Factor float angle = (sensorValue - 512) * 0.087; Serial.println(angle); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the ALR-511-R?
    • ⤷ How does the electrolytic fluid compare to MEMS technology in terms of accuracy?
    • ⤷ What are the specific power supply requirements for a dual-rail configuration?