データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALSP-142-R/Q

  • AI
    The **ALSP-142-R/Q** is a high-performance, ultra-low-noise **L-Band Pseudo-morphic High Electron Mobility Transistor (pHEMT) Low Noise Amplifier (LNA)**. These components are primarily used in satellite communications (SATCOM), GPS, and radar systems where signal sensitivity is critical. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the ALSP-142-R/Q series: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Frequency Range** | 1.0 – 2.0 | GHz | | **Noise Figure** | 0.5 – 0.6 | dB | | **Gain** | 24 – 28 | dB | | **P1dB (Output)** | +15 to +18 | dBm | | **Supply Voltage** | +3.0 to +5.0 | VDC | | **Current Consumption** | 45 – 65 | mA | | **Package Type** | Surface Mount (SMT) | - | --- ### 2. Core Electronic Components & Architecture The ALSP-142-R/Q is an integrated module. Its internal architecture consists of several critical electronic stages: #### A. pHEMT Transistor Stage The heart of the device is a **GaAs (Gallium Arsenide) pHEMT**. * **Function:** It provides high electron mobility, which allows the device to amplify signals at high frequencies with extremely low added noise. * **Benefit:** This is what enables the sub-1dB noise figure, essential for picking up weak signals from space. #### B. Internal Matching Networks Unlike discrete transistors, this part includes internal input and output matching circuits. * **Reactive Components:** Microstrip lines, capacitors, and inductors integrated on the chip. * **Function:** They ensure the impedance is matched to 50 Ohms, minimizing signal reflection (Return Loss) and maximizing power transfer. #### C. DC Biasing Circuitry The module includes internal circuitry to stabilize the operating point of the transistors. * **Active Bias:** It often incorporates an active bias circuit to maintain consistent performance across varying temperatures. --- ### 3. Applications Due to its low noise floor and high gain in the L-Band, it is commonly found in: 1. **GNSS Receivers:** Improving the sensitivity of GPS, GLONASS, and Galileo receivers. 2. **SATCOM Ground Stations:** Serving as the first stage of amplification after the antenna. 3. **UAV Data Links:** Ensuring long-range telemetry and video transmission. --- ### 4. Implementation Example (Schematic Logic) When integrating this part into a PCB design, the typical surrounding components are minimal: ```yaml Pin Connection Logic: 1. RFin -> DC Block Capacitor -> Antenna 2. RFout -> DC Block Capacitor -> Downconverter/Mixer 3. Vdd -> Decoupling Capacitors (10pF || 0.1uF) -> Power Supply 4. GND -> Thermal via to Ground Plane ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes in this part number?
    • ⤷ How does the noise figure affect the overall Link Budget in a SATCOM system?
    • ⤷ What are the recommended thermal management techniques for pHEMT LNAs?