データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALTG-444-R

  • AI
    The **ALTG-444-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Linear Variable Differential Transformer (LVDT)** or a specific type of **Magnetic Inductive Sensor/Transducer**. These parts are engineered for high-precision displacement sensing in environments where space is limited and reliability is critical. --- ### Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Linear Displacement Sensor / LVDT | | **Mounting Style** | Surface Mount (SMD) / Gull-wing Leads | | **Primary Function** | Converts mechanical motion into a proportional electrical signal | | **Core Material** | High-permeability ferromagnetic core | | **Typical Application** | Aerospace, Robotics, and Medical Instrumentation | --- ### Electronic Architecture The internal electronic structure of the ALTG-444-R consists of three primary coil windings: 1. **Primary Coil (Excitation):** * Located in the center. * Driven by an AC voltage source (typically 1kHz to 10kHz). * Creates a varying magnetic field. 2. **Secondary Coils (Sensing):** * Two identical coils placed symmetrically around the primary. * Connected in "series-opposite" (differential) configuration. * The position of the movable core determines the voltage induced in each secondary coil. 3. **The Magnetic Core:** * A separate rod that moves through the center of the hollow coil assembly. * As it moves, it alters the magnetic coupling between the primary and the two secondaries. --- ### Key Performance Characteristics * **Frictionless Measurement:** Because the core does not touch the coils, there is no mechanical wear, leading to an almost infinite operational life. * **Infinite Resolution:** The output is an analog change; the resolution is limited only by the external signal conditioning electronics. * **Null Point:** At the center position, the voltages from the two secondary coils cancel each other out, resulting in a zero (null) voltage output. * **Ruggedness:** The "R" suffix often denotes a "Ruggedized" or "RoHS" compliant version, designed to withstand high vibration and thermal cycling. --- ### Comparison: ALTG-444-R vs. Standard Potentiometers | Feature | ALTG-444-R (LVDT) | Standard Potentiometer | | :--- | :--- | :--- | | **Contact** | Non-contact | Physical wiper contact | | **Durability** | Extremely High | Moderate (wears out) | | **Signal Type** | AC (requires demodulation) | DC (Resistance change) | | **Accuracy** | High Precision | Standard Precision |
    ✨ Follow-up Questions
    • ⤷ What are the typical excitation voltage and frequency requirements for the ALTG-444-R?
    • ⤷ Which signal conditioning ICs are recommended for converting this LVDT output to a DC signal?
    • ⤷ What is the maximum linear stroke range for this specific model?