データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALTG-541-R

  • AI
    The **ALTG-541-R** is a specific electronic component typically categorized under **Communication Interface Transformers** or **LAN Magnetic Modules**. It is widely used in networking hardware to ensure signal integrity and electrical isolation. --- ## 1. Core Functionality The ALTG-541-R is a 10/100/1000 Base-T (Gigabit Ethernet) transformer module. Its primary roles include: * **Galvanic Isolation:** Protects sensitive circuitry from high-voltage surges on the network cable. * **Impedance Matching:** Ensures the signal from the PHY (Physical Layer) chip matches the characteristics of the Ethernet cable. * **Noise Suppression:** Filters out Common Mode noise using internal chokes. --- ## 2. Technical Specifications Below are the typical electrical parameters for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Surface Mount (SMD) | | **Ethernet Speed** | 10/100/1000 Base-T | | **Number of Ports** | Single Port | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Insertion Loss** | -1.1 dB Max (1-100 MHz) | | **Return Loss** | -18 dB Min (1-30 MHz) | | **Operating Temp** | 0°C to +70°C (Commercial Grade) | --- ## 3. Internal Component Structure The module is not a single part but an integrated package containing: 1. **Isolation Transformers:** Core elements that transfer the AC signal while blocking DC. 2. **Common Mode Chokes (CMC):** Used to reduce electromagnetic interference (EMI). 3. **Center Taps:** Often connected to capacitors (Bob Smith Termination) to further reduce emissions. --- ## 4. Typical Applications * **Network Interface Cards (NICs):** Found in PCs and servers. * **Switches and Routers:** Used at every RJ45 port. * **Embedded Systems:** Industrial controllers or IoT gateways requiring wired internet connectivity. * **Set-top Boxes:** For stable media streaming. --- ## 5. Typical Pinout Logic Most ALTG series modules follow a standard layout for Gigabit Ethernet: * **Pins 1-8 (Media Side):** Connect directly to the RJ45 connector pins. * **Pins 9-24 (Chip Side):** Connect to the Ethernet PHY chip, usually grouped into four differential pairs (DA, DB, DC, DD).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the ALTG-541-R?
    • ⤷ Can this component be used for Power over Ethernet (PoE)?
    • ⤷ What are the recommended soldering profiles for this SMD part?