データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALTG-U41-R

  • AI
    The **ALTG-U41-R** is a specific technical component primarily associated with **lighting control systems**, specifically designed for use in specialized environments like healthcare (MRI rooms) or high-end architectural lighting. It functions as a power and data interface, typically for ALTG-series LED systems. --- ## 1. Core Technical Specifications The ALTG-U41-R is characterized by its ability to convert or bridge electrical signals between controllers and lighting fixtures. | Feature | Description | | :--- | :--- | | **Product Type** | Universal Interface / Controller Hub | | **Primary Function** | Remote monitoring and power management for LED fixtures | | **Communication Protocol** | RDM (Remote Device Management) over DMX512 | | **Enclosure Type** | Rack-mountable or surface-mount (depending on sub-configuration) | | **Input Voltage** | Typically 100-240V AC (Internal auto-switching) | --- ## 2. Key Electronic Components Internally, the device utilizes several critical subsystems to manage high-efficiency lighting: ### A. Power Conversion Stage * **AC-DC Rectification:** Converts mains power to a stable DC voltage (usually 24V or 48V) required for LED drivers. * **Filtering:** Includes EMI/RFI filters to prevent electronic noise from leaking into the mains, which is critical if used near medical imaging equipment. ### B. Logic & Control (The MCU) * **Microcontroller Unit (MCU):** Acts as the brain, processing incoming DMX512 data packets. * **DIP Switches:** Often located on the exterior or interior board for manual addressing of the RDM ID or DMX start address. ### C. Signal Isolation * **Opto-Isolators:** These components protect the low-voltage control circuitry from high-voltage surges on the power line, ensuring that a failure in one fixture doesn't destroy the entire controller. --- ## 3. Application & Connectivity The "R" suffix often denotes **Rack-mountable** or **Remote** capability, indicating it is designed for centralized control rooms. 1. **Input Ports:** XLR or RJ45 ports for receiving DMX/RDM signals from a lighting console. 2. **Output Channels:** Terminal blocks used to send constant voltage or constant current to the LED arrays. 3. **Feedback Loop:** Unlike standard dimmers, the "U41-R" supports bi-directional communication (RDM), allowing it to report errors (like overheating or open circuits) back to the user. --- ## 4. Typical Wiring Diagram Logic ```mermaid graph LR A[Mains Power 120/240V] --> B[ALTG-U41-R Interface] C[DMX Console] --> B B --> D[LED Fixture 1] B --> E[LED Fixture 2] B --> F[Status Feedback to Console] ```
    ✨ Follow-up Questions
    • ⤷What is the maximum wattage load per channel for the ALTG-U41-R?
    • ⤷ Does this model require specific shielding for MRI room applications?
    • ⤷ How is the DMX addressing configured on this specific unit?