データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALV-633-R

  • AI
    The **ALV-633-R** is a specific model of an **Explosion Proof Visual Indicator / Signal Light**, typically used in industrial automation, oil and gas, and hazardous environments. It is designed to provide high-visibility status signaling in areas where flammable gases or dust may be present. --- ### 1. Key Electronic Components The internal electronics of the ALV-633-R are engineered for durability and safety. Below are the primary electronic parts: | Component | Function | Specification Detail | | :--- | :--- | :--- | | **LED Array** | Light Source | High-intensity LEDs (usually Red) with low power consumption. | | **Driver Circuit** | Power Management | Constant current driver to ensure stable brightness despite voltage fluctuations. | | **Protection Circuit** | Safety | Includes surge protection, reverse polarity protection, and thermal fuses. | | **Terminal Block** | Connectivity | Screw terminals for secure electrical wiring (Line, Neutral/Ground). | | **Enclosure** | Safety/Physical | Die-cast aluminum or stainless steel with flame-proof joints. | --- ### 2. Technical Specifications The electronic performance of the unit is defined by its power requirements and environmental certifications: * **Operating Voltage:** Typically available in **24V DC**, **110V AC**, or **220V AC** variants. * **Power Consumption:** Generally low (< 5W to 10W) due to LED technology. * **Light Output:** Continuous, flashing, or rotating patterns (configurable via internal jumpers or dip switches in some versions). * **Ingress Protection (IP):** Usually **IP66**, meaning it is dust-tight and protected against powerful water jets. --- ### 3. Safety Certifications (Ex) Because this is an electronic device used in hazardous zones, its "electronic parts" must adhere to strict explosion-proof standards: 1. **Ex d (Flameproof):** The enclosure is designed to contain an internal explosion and prevent it from igniting the external atmosphere. 2. **Ex t (Dust Ignition Protection):** Prevents combustible dust from entering the electronic housing. 3. **Temperature Class:** Usually rated **T6** (the lowest surface temperature rating), ensuring the electronics do not get hot enough to ignite surrounding gases. --- ### 4. Wiring Diagram Concept The typical wiring for the ALV-633-R involves three main points: ```mermaid graph LR A[Power Source] --> B[Cable Gland] B --> C{Terminal Block} C --> D[Internal Driver] D --> E[LED Module] ``` * **L (Line):** Hot wire input. * **N (Neutral):** Return path. * **PE (Earth):** Safety ground connected to the metal chassis.
    ✨ Follow-up Questions
    • ⤷ What are the specific hazardous zone classifications for the ALV-633-R?
    • ⤷ Can the flashing frequency of the ALV-633-R be adjusted manually?
    • ⤷ What is the difference between the 'R' suffix and other color variants like 'G' or 'Y'?