データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALV-B41-R

  • AI
    The **ALV-B41-R** is a specific electronic component typically categorized as a **Linear LED Driver** or a specialized **LED Module controller**, often utilized in automotive lighting systems or industrial indicator panels. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The ALV-B41-R is designed for high-reliability environments where precise current control for LEDs is required. | Parameter | Description | | :--- | :--- | | **Component Type** | Linear Current Regulator / LED Controller | | **Input Voltage Range** | Typically 9V to 16V DC (Standard Automotive Range) | | **Output Channels** | Multi-channel (often 3 or 4 channels) | | **Package Type** | Surface Mount (SMD) | | **Compliance** | RoHS compliant, Lead-free | --- ### 2. Core Electronic Functions The internal circuitry of the ALV-B41-R focuses on three primary pillars of power management: #### A. Constant Current Regulation Unlike standard resistors that fluctuate with voltage changes, the B41-R maintains a stable current flow to the LEDs. This prevents flickering and ensures uniform brightness regardless of the battery’s state of charge. #### B. Thermal Management * **Thermal Foldback:** If the component detects overheating, it reduces the output current to cool down the system without turning the lights off entirely. * **Heat Dissipation:** The "R" suffix often indicates a specific thermal pad configuration for improved heat transfer to the PCB. #### C. Protection Circuitry The device includes internal safeguards: * **Overvoltage Protection (OVP):** Protects against load dump scenarios in vehicles. * **Short Circuit Protection:** Disables the output if a short is detected in the LED string. * **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly. --- ### 3. Pin Configuration (Typical) While the exact datasheet varies by manufacturer (e.g., Toshiba or specialized vendors), the pinout generally follows this logic: | Pin Type | Function | | :--- | :--- | | **VCC** | Input power supply (Positive). | | **GND** | Ground reference. | | **OUT (1-n)** | Constant current outputs connected to LED anodes/cathodes. | | **PWM/EN** | Enable or Pulse Width Modulation pin for dimming control. | | **ISET** | A resistor-to-ground pin used to set the desired output current level. | --- ### 4. Typical Application Circuit In a standard configuration, the ALV-B41-R acts as a bridge between the MCU (Microcontroller) and the LED array. ```mermaid graph LR A[Power Supply 12V] --> B[ALV-B41-R] C[Microcontroller PWM] --> B B --> D[LED String 1] B --> E[LED String 2] D --> F[GND] E --> F ``` --- ### 5. Common Use Cases 1. **Automotive Tail Lights:** Driving red and amber LED arrays for braking and signaling. 2. **Dashboard Backlighting:** Providing flicker-free illumination for instrument clusters. 3. **Industrial Signage:** Ensuring long-term reliability in outdoor status indicators.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current per channel for the ALV-B41-R?
    • ⤷ Can this component be used with 24V industrial power systems?
    • ⤷ What are the recommended heat sink requirements for this SMD package?