データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALV-C13-R

  • AI
    ## ALV-C13-R Electronic Component Overview The **ALV-C13-R** is a specific electronic component typically identified as a **Power Entry Module (PEM)** or a **C13 Power Connector**. These are widely used in industrial and consumer electronics to facilitate a safe, standardized connection between a device and an AC power source. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics associated with C13-style power inlets like the ALV-C13-R: | Feature | Specification | | :--- | :--- | | **Connector Type** | IEC 60320 C13 (Female Inlet/Outlet) | | **Rated Voltage** | 250V AC | | **Rated Current** | 10A (International) / 15A (North America) | | **Mounting Type** | Snap-in or Screw Mount | | **Termination Style** | Solder tabs or Quick-connect terminals | | **Housing Material** | Thermoplastic (UL 94V-0 Flame Retardant) | | **Contact Material** | Copper Alloy (Nickel or Tin Plated) | --- ### 2. Physical Design and Construction The "R" suffix in the part number often denotes a specific orientation or mounting style, such as **Right-angle** or **Rear-mount**. * **Insulation:** The body is made of high-grade plastic to prevent electrical arcing and ensure user safety. * **Terminals:** Usually features three terminals (Line, Neutral, and Ground). In the ALV series, these are often designed for easy soldering to a PCB or crimping to internal wires. * **Retention:** Many models include a locking mechanism or friction-fit design to prevent the power cord from accidentally unplugging due to vibration. --- ### 3. Common Applications The ALV-C13-R is a foundational component in the following devices: 1. **Computer Hardware:** Used in Desktop PSUs (Power Supply Units). 2. **Audio/Visual Equipment:** Found on the back of amplifiers, professional monitors, and stage lighting. 3. **Medical Devices:** Integrated into diagnostic machines where a secure power connection is vital. 4. **Industrial Machinery:** Used as the primary power input for control panels. --- ### 4. Safety and Compliance To be used in commercial products, these components must adhere to international safety standards: * **UL/CSA:** Standard for safety in the US and Canada. * **VDE/TUV:** European safety certifications. * **RoHS:** Ensuring the part is free from hazardous substances like lead and cadmium.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a C13 and a C14 connector in this series?
    • ⤷ How do I determine the correct wire gauge for the ALV-C13-R terminals?
    • ⤷ Are there waterproof versions of the ALV-C13-R for outdoor use?