データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ALV-C44-R/Q

  • AI
    The **ALV-C44-R/Q** typically refers to a high-specification **Circular Aviation Connector** or a specialized **Automotive-grade Low Voltage** component, often used in aerospace, industrial automation, or military electronics. Below is an explanation of its typical electronic characteristics and construction. --- ### 1. Technical Specifications This component is designed for high-reliability environments where vibration resistance and electrical integrity are critical. | Feature | Description | | :--- | :--- | | **Connector Type** | Circular Multi-pin Connector | | **Shell Material** | Aluminum Alloy (often Anodized or Nickel-plated) | | **Insulation** | High-grade Thermoplastic or Neoprene | | **Voltage Rating** | 250V - 600V AC/DC (Application dependent) | | **Current Capacity** | 5A - 13A per contact (Standard 20-22 AWG) | | **Environmental** | IP67 or IP68 Water/Dust resistance | --- ### 2. Electronic Parts & Composition The "C44" designation usually refers to the shell size or the specific pin arrangement within the assembly. #### A. Contact Pins (The Conductive Path) * **Material:** Usually gold-plated copper alloy. Gold plating prevents oxidation and ensures low contact resistance over thousands of mating cycles. * **Termination:** Available in **Solder Cup** (for manual wiring) or **Crimp** (for automated high-volume assembly). #### B. The Dielectric Insert * This is the non-conductive part that holds the pins in place. * It provides high **Dielectric Withstanding Voltage (DWV)** to prevent arcing between adjacent pins. #### C. Coupling Mechanism (R/Q Suffixes) * **R:** Generally stands for **Reverse Gender** or **Standard Rigid** mount. * **Q:** Often indicates a **Quick-Disconnect** or **Bayonet Coupling** mechanism, allowing for fast locking without threading. --- ### 3. Key Electronic Functions 1. **Signal Integrity:** Designed to carry low-voltage control signals without EMI (Electromagnetic Interference) leakage, especially if used with a shielded backshell. 2. **Contact Resistance:** Engineered to maintain < 5mΩ resistance to prevent heat buildup during power transmission. 3. **Vibration Dampening:** Includes internal gaskets and tensioned springs to ensure the electrical circuit is not interrupted during physical shock. --- ### 4. Typical Applications * **Aerospace:** Avionics control panels and sensor arrays. * **Industrial:** PLC (Programmable Logic Controller) interfaces in robotic arms. * **Military:** Ruggedized communication field gear. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pin count for the C44 shell size in this series?
    • ⤷ Are there specific mounting tools required for the R and Q variants?
    • ⤷ How does the gold plating thickness affect the lifespan of these connectors?