データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM-RRS3-418

  • AI
    ## Overview of the AM-RRS3-418 The **AM-RRS3-418** is a high-performance, compact Super-Regenerative Radio Frequency (RF) Receiver module. It is specifically designed for short-range wireless data communication, typically operating at a fixed frequency of **418 MHz**. This module is widely used in remote control systems and wireless data links. --- ### Technical Specifications The following table outlines the primary electronic characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Frequency** | 418 MHz | | **Operating Voltage** | 5V DC (Typical) | | **Supply Current** | ~2.5 mA | | **Sensitivity** | -100 to -105 dBm | | **Data Rate** | Up to 2 KHz (Approx. 2.4kbps) | | **Output Type** | CMOS/TTL Compatible Digital Output | | **Modulation** | AM / OOK (On-Off Keying) | --- ### Key Electronic Components & Design The AM-RRS3-418 relies on several critical electronic principles and sub-circuits: 1. **Super-Regenerative Architecture**: Unlike a Superheterodyne receiver, this uses a self-oscillating detector. It provides high gain in a very small footprint and is highly cost-effective for simple remote applications. 2. **SAW Filter/Stabilizer**: The "418" in the name indicates it is tuned specifically to 418 MHz. Higher-end versions often include a SAW (Surface Acoustic Wave) filter to improve frequency stability and reduce interference from adjacent signals. 3. **Low Pass Filter (LPF)**: Integrated circuitry filters out the "quench" frequency (used in the regeneration process) so that only the recovered data signal is passed to the output pin. 4. **Comparator/Data Shaper**: An internal operational amplifier or comparator converts the analog pulses received from the air into a clean digital square wave (TTL/CMOS) suitable for microcontrollers like Arduino or PIC. --- ### Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **ANT** | External Antenna connection (approx. 17.5cm wire) | | 2, 3, 8 | **GND** | Ground connection | | 4, 5 | **Vcc** | Positive Supply Voltage (+5V) | | 6, 7 | **DATA** | Digital Data Output (connects to MCU) | --- ### Typical Application Circuit When connecting this to a microcontroller, the circuit is straightforward. No external tuning is required by the user. ```cpp // Example: Basic Arduino setup for reading Data pin const int rxPin = 2; // Data pin connected to Digital 2 void setup() { pinMode(rxPin, INPUT); Serial.begin(9600); } void loop() { int dataState = digitalRead(rxPin); // Process the incoming pulse train } ```
    ✨ Follow-up Questions
    • ⤷ What is the ideal antenna length for a 418 MHz receiver?
    • ⤷ How does the AM-RRS3-418 compare to the 433 MHz version?
    • ⤷ Can this module be used for voice transmission or only data?