データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM1D-2409S-RZ

  • AI
    ### AM1D-2409S-RZ: Technical Overview The **AM1D-2409S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to a series of 1-Watt isolated power supplies designed for applications requiring voltage regulation and galvanic isolation in a compact form factor. --- ### Core Specifications Below are the primary electrical characteristics of the AM1D-2409S-RZ: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6 ~ 26.4 VDC (Nominal 24V) | | **Output Voltage** | 9 VDC | | **Output Current** | 111 mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~72% to 80% (typical) | | **Package Type** | SIP7 (Single Inline Package, 7 pins) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Internal Components & Functions To understand the "electronic parts" within this module, we look at its functional block diagram: 1. **Input Filter:** Consists of small ceramic capacitors and often an internal inductor to minimize reflected ripple current back to the main power rail. 2. **Switching Controller:** An integrated circuit (IC) that converts the DC input into a high-frequency AC signal (usually square wave). 3. **Isolation Transformer:** A miniature ferrite-core transformer that transfers energy from the primary to the secondary side via magnetic fields, providing the **1000VDC isolation**. 4. **Rectification & Smoothing:** Fast-recovery diodes and output capacitors convert the AC from the transformer back into a stable 9V DC output. 5. **Feedback Loop:** While this specific model is typically "unregulated" (meaning the output fluctuates slightly with input changes), it includes basic protection circuitry. --- ### Physical Pin Configuration (SIP7) The module uses a standard 7-pin SIP layout (though some pins may be omitted/not present): | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +V Input | Positive Supply Voltage (24V) | | 2 | -V Input | Negative Supply Voltage (Ground) | | 4 | -V Output | Negative Output Voltage | | 6 | +V Output | Positive Output Voltage (9V) | *Note: Pins 3 and 5 are usually omitted in this specific series.* --- ### Typical Application Circuit When integrating this part into a PCB, it is recommended to use external capacitors to further reduce noise: ```markdown Vin (24V) ----[ C1: 4.7uF ]----+-------[ AM1D-2409S-RZ ]-------+---- Vout (9V) | | GND ---------------------------+-------------------------------+---- GND (Iso) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between regulated and unregulated DC-DC converters in this series?
    • ⤷ How does the 1000VDC isolation protect sensitive microcontrollers?
    • ⤷ What are the recommended external filter components for reducing output ripple?