データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM22CWCMBARSLASH1500C

  • AI
    The part number **AM22CWCMBAR/1500C** refers to a high-performance **Fiber Laser Module**, typically used in industrial cutting, welding, or engraving systems. Below is a breakdown of its core electronic components and technical characteristics. --- ### 1. Technical Specifications Overview This module belongs to the class of continuous-wave (CW) fiber lasers. The "1500C" suffix generally indicates a **1500W (1.5kW)** power rating. | Feature | Description | | :--- | :--- | | **Output Power** | 1500W (Continuous Wave) | | **Wavelength** | 1080nm (Near-Infrared) | | **Operating Voltage** | Typically 220V AC (Single Phase) | | **Control Interface** | RS232 / AD / Ethernet | | **Cooling Method** | Water-cooled (requires industrial chiller) | --- ### 2. Core Electronic Components The internal architecture of this module consists of several high-precision electronic sub-systems: #### A. Laser Diode Drivers * **Function:** Provides the constant current required to drive the pump diodes. * **Electronics:** High-speed switching transistors (MOSFETs/IGBTs) and feedback loops to ensure current stability within ±0.1%. #### B. Control System (The "Brain") * **Microcontroller/FPGA:** Manages the logic, safety interlocks, and power modulation. It monitors the internal temperature and "back-reflection" sensors to prevent the laser from burning itself out if it hits a reflective surface (like polished copper). * **Monitoring Sensors:** Includes photodiodes for real-time power monitoring and thermistors for thermal protection. #### C. Optical Engine * **Active Fiber:** A Ytterbium-doped fiber that acts as the gain medium. * **Combiner:** An electronic-optical component that merges the light from multiple pump diodes into a single output fiber. #### D. Communication Interfaces * **DB25 Interface:** The primary analog/digital port used by CNC controllers to command the laser (Gate signal, PWM, and Analog voltage for power level). * **Isolation Circuits:** Opto-isolators are used to protect the laser's internal electronics from electrical noise generated by the CNC machine. --- ### 3. Key Electronic Features 1. **Anti-Reflection Protection:** Electronic sensors detect if laser light is bouncing back into the module. If back-reflection exceeds a threshold, the electronic controller shuts down the power in microseconds. 2. **Pulse Width Modulation (PWM):** Allows the 1500W laser to be "pulsed" for delicate tasks, even though it is a CW (Continuous Wave) source. 3. **Red Light Pointer:** Includes a low-power 650nm red laser diode used for visual alignment and positioning. --- ### 4. Safety & Maintenance Requirements * **EMI Shielding:** The metal housing acts as a Faraday cage to prevent electromagnetic interference from affecting the sensitive driver circuits. * **Grounding:** High-quality grounding is critical to prevent static discharge from damaging the laser diodes.
    ✨ Follow-up Questions
    • ⤷ What are the common causes of failure in 1500W fiber laser modules?
    • ⤷ How does the RS232 interface differ from the AD control mode for this laser?
    • ⤷ What specifications are required for the water chiller paired with this module?