データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM25LS2519

  • AI
    ### Overview of the AM25LS2519 The **AM25LS2519** is a high-performance integrated circuit (IC) belonging to the **Advanced Low-Power Schottky (ALS/LS)** family. It is primarily categorized as an **8-Bit Universal Shift/Storage Register** with three-state outputs. --- ### Technical Specifications | Feature | Description | | :--- | :--- | | **Logic Family** | LS-TTL (Low-Power Schottky) | | **Function** | 8-Bit Register with Multi-mode Capability | | **Bit Width** | 8 Bits | | **Output Type** | 3-State (Tri-state) | | **Package Options** | Typically 20-pin DIP or PLCC | | **Operating Voltage** | 4.75V to 5.25V (Standard 5V TTL) | --- ### Key Internal Components and Architecture The AM25LS2519 is designed for high-speed data buffering and bus-oriented applications. Its architecture includes several critical stages: #### 1. Input D-Type Flip-Flops The device contains eight edge-triggered D-type flip-flops. These act as the primary storage element for the 8 bits of data. Data is loaded into these registers on the positive-going edge of the clock signal. #### 2. Mode Control Logic The chip features control inputs that determine how data interacts with the register. This allows for: * **Parallel Loading:** Accepting 8 bits of data simultaneously. * **Data Holding:** Maintaining current state regardless of clock transitions (via Clock Enable). #### 3. 3-State Output Buffers The outputs are "3-state," meaning they can be in one of three conditions: 1. **High** (Logic 1) 2. **Low** (Logic 0) 3. **High-Impedance (Hi-Z):** Effectively disconnected from the bus. This feature is essential for avoiding bus contention when multiple devices share the same data line. --- ### Pin Functions (Common 20-Pin Layout) | Pin Type | Name | Function | | :--- | :--- | :--- | | **Data Inputs** | D0 - D7 | Parallel data entry points. | | **Data Outputs** | Q0 - Q7 | Parallel data exit points. | | **Clock** | CP | Triggers data transfer on the rising edge. | | **Output Enable** | OE | When LOW, outputs are active; when HIGH, outputs are Hi-Z. | | **Clear** | CLR | Resets the register contents to zero. | --- ### Typical Applications * **Microprocessor Buffering:** Acting as an intermediate storage layer between a CPU and a data bus. * **Pipeline Registers:** Used in digital signal processing to hold data between different stages of computation. * **I/O Port Expansion:** Providing additional output bits for microcontrollers with limited GPIO. ---
    ✨ Follow-up Questions
    • ⤷ What are the timing requirements (setup and hold times) for the AM25LS2519?
    • ⤷ How does the 'Low-Power Schottky' technology compare to standard CMOS in terms of power consumption?
    • ⤷ Can you provide a truth table for the Mode Control inputs?