AM25LS2519PMB
AI

The **AM25LS2519PMB** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (LS) family, specifically designed by Advanced Micro Devices (AMD). It is a **Universal Polynomial Generator/Checker**, primarily used for error detection in data transmission and storage.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | AM25LS (Advanced Low-Power Schottky) |
| **Function** | Universal Polynomial Generator / Checker (CRC) |
| **Package Type** | PMB (Ceramic Flatpack or specialized DIP, depending on vintage) |
| **Operating Voltage** | 5.0V (Typical Vcc) |
| **Data Rate** | High speed (Optimized for disk controllers and telecommunications) |
| **Pins** | 20-pin configuration |
---
### 2. Functional Description
The AM25LS2519 is designed to provide **Cyclic Redundancy Check (CRC)** capabilities. It can generate a check character (checksum) to be appended to a data stream or verify the integrity of an incoming stream by comparing it against a received checksum.
#### Core Capabilities:
* **Polynomial Versatility:** It can be programmed to handle various standard polynomials (like CRC-16, CRC-CCITT) used in floppy disks, hard drives, and network protocols.
* **Parallel/Serial Operation:** It allows for high-speed bit-serial processing of data.
* **Error Detection:** It provides an error flag output if the calculated checksum does not match the expected value.
---
### 3. Pinout and Internal Logic
While specific pin assignments should be verified against the AMD legacy datasheet, the internal architecture generally includes:
1. **Shift Register:** A 16-bit register to store the intermediate CRC value.
2. **XOR Gates:** Strategically placed logic gates to perform polynomial division.
3. **Control Inputs:**
* **ERASE/CLR:** Resets the internal registers to zero or ones.
* **STRB (Strobe):** Clocks the data into the chip.
* **S0/S1 (Mode Select):** Selects between internal operations like Preset, Shift, or Read.
---
### 4. Applications
This part was historically critical in the following areas:
* **Hard Disk/Floppy Controllers:** Ensuring data written to magnetic media was not corrupted.
* **Data Communications:** Verifying packets sent over serial lines.
* **Legacy Computing Systems:** Used in systems requiring robust error correction before modern SOCs (System on Chips) integrated these functions.
---
### 5. Part Number Breakdown
* **AM:** Advanced Micro Devices (Manufacturer).
* **25LS:** Advanced Low-Power Schottky logic family (faster than 74LS).
* **2519:** Specific device functional code (CRC Generator/Checker).
* **PMB:** Package and screening indicator (typically "P" for Plastic/Hermetic and "MB" for Military/High-reliability grade).
- ⤷
What are the standard polynomials supported by the AM25LS2519?
- ⤷ How does Advanced Low-Power Schottky (LS) compare to standard TTL logic in terms of speed and power?
- ⤷ What are the modern IC equivalents for CRC generation in current hardware designs?