データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AM25LS2519XC

  • AI
    ## Overview of AM25LS2519XC The **AM25LS2519XC** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (LS) family. Specifically, it is a **Universal Polynomial Generator/Checker** (often referred to as a cyclic redundancy check or CRC generator). It was originally manufactured by Advanced Micro Devices (AMD) and is primarily used for error detection in data transmission and storage systems. --- ### Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Logic Family** | Advanced Low-Power Schottky (LS) | | **Function** | 8-bit Register / Polynomial Generator | | **Package Type** | CDIP (Ceramic Dual In-line Package) or PLCC | | **Supply Voltage ($V_{CC}$)** | 4.75V to 5.25V (Standard 5V) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Logic Speed** | High speed, typically used in bit-stream processing | --- ### Core Internal Architecture The device is designed to perform complex mathematical divisions on a serial data stream using a predefined polynomial. The main internal components include: 1. **8-Bit Shift Register:** A high-speed register that holds the intermediate remainder of the division process. 2. **Exclusive-OR (XOR) Gates:** These are used at specific tap points to implement the polynomial logic. 3. **Control Logic:** Includes pins for `Preset`, `Clear`, and `Enable`, allowing the chip to synchronize with data packets. 4. **Error Flag:** In "checker" mode, the chip outputs a signal indicating whether the received data matches the calculated checksum. --- ### Functional Pin Description Below are the typical roles of the pins found on the AM25LS2519: * **CP (Clock Pulse):** Triggers the shifting of data and the calculation of the CRC. * **D0 - D7:** Parallel data inputs for initializing the register. * **SI (Serial Input):** The input pin for the incoming data stream to be checked or encoded. * **ER (Error):** An output pin that goes active if a mismatch is detected during a check operation. * **S0, S1 (Select Pins):** Used to determine the mode of operation (Load, Shift, or Clear). --- ### Applications The AM25LS2519XC is typically found in legacy computing and telecommunications hardware: * **Floppy/Hard Disk Controllers:** Used to ensure data written to the disk is read back correctly. * **Serial Data Communications:** Generating parity or CRC bits for RS-232 or similar protocols. * **Memory Systems:** Protecting blocks of data in high-reliability industrial computers. --- ### Modern Status The `XC` suffix generally denotes the commercial temperature range and specific package type. As an "LS" series chip, it is largely considered **obsolete** for new designs, replaced by programmable logic (FPGAs) or integrated SoC features. However, it remains a critical component for the maintenance of vintage hardware and legacy industrial controllers.
    ✨ Follow-up Questions
    • ⤷ What is the specific polynomial used by the AM25LS2519 for CRC calculation?
    • ⤷ Can this chip be used for 16-bit or 32-bit CRC by cascading units?
    • ⤷ What are the modern equivalents or replacements for this LS-series IC?